Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B5-4RGB-CBA Datasheet(PDF) 5 Page - Roithner LaserTechnik GmbH

Part # B5-4RGB-CBA
Description  Super bright LED Lamp
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

B5-4RGB-CBA Datasheet(HTML) 5 Page - Roithner LaserTechnik GmbH

  B5-4RGB-CBA Datasheet HTML 1Page - Roithner LaserTechnik GmbH B5-4RGB-CBA Datasheet HTML 2Page - Roithner LaserTechnik GmbH B5-4RGB-CBA Datasheet HTML 3Page - Roithner LaserTechnik GmbH B5-4RGB-CBA Datasheet HTML 4Page - Roithner LaserTechnik GmbH B5-4RGB-CBA Datasheet HTML 5Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
ROITHNER LASERTECHNIK
B5-4RGB-CBA
Schoenbrunner Strasse 7, Vienna, Austria, Tel.: +43-1-586 52 43 – 0 Fax.: +43-1-586 52 43 44
office@roithner-laser.com, http://www.roithner-laser.com
REV.2002/9/18
5(5)
TYPICAL ELECTRICAL–OPTICAL CHARACTERISTIC CURVES
0.1
0.7
0.6
0.5
0.8
0.4
0.3
0.2
0°
1.0
0.9
90°
80°
70°
60°
50°
40°
30°
20°
10°
λ - Wavclength (nm)
0
20
40
60
80
100
350 400 450 500 550 600 650 700
RADIATION DIAGRAM
RELATIVE LUMINOUS INTENSITY
VS. WAVELENGTH
0
1
100
75
50
25
10
0
Ambient Temperature TA( )
Ambient Temperature TA( )
0
30
20
10
100
75
50
25
40
0
LUMINOUS INTENSITY
Vs. AMBIENT TEMPERATURE
FORWARD CURRENT
Vs. AMBIENT TEMPERATURE
0
40
30
20
10
5
4
3
2
1
0
ForwardVoltage -VF (V)
ForwardCurrent - IF (mA)
0
100
75
50
25
25
20
15
10
5
125
0
30
40
35
FORWARD CURRENT
Vs. FORWARD VOLTAGE
LUMINOUS INTENSITY Vs.
FORWARD CURRENT
( Blue )



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com