Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B5-4RGB-CBA Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # B5-4RGB-CBA
Description  Super bright LED Lamp
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

B5-4RGB-CBA Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  B5-4RGB-CBA Datasheet HTML 1Page - Roithner LaserTechnik GmbH B5-4RGB-CBA Datasheet HTML 2Page - Roithner LaserTechnik GmbH B5-4RGB-CBA Datasheet HTML 3Page - Roithner LaserTechnik GmbH B5-4RGB-CBA Datasheet HTML 4Page - Roithner LaserTechnik GmbH B5-4RGB-CBA Datasheet HTML 5Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ROITHNER LASERTECHNIK
B5-4RGB-CBA
Schoenbrunner Strasse 7, Vienna, Austria, Tel.: +43-1-586 52 43 – 0 Fax.: +43-1-586 52 43 44
office@roithner-laser.com, http://www.roithner-laser.com
REV.2002/9/18
1(5)
DESCRIPTION
Super bright LED Lamp
Full Color
Round type
T1-3/4 (5mm) diameter
4 pin
Lens color: Water Clear
With Flange
Solder leads without stand-off
1. Green
2. Blue
3. Red
4. Common
Anode
1.0 ± 0.2
□ 0.5
5 ± 0.2
0.8 0.5
1
4
3
2
4mm
2mm
25
MIN.
8.7 ± 0.3
5.8 ± 0.3
FEATURES
Emitted color: Red / Green / Blue
High Luminous intensity
Technology: AlGaInP / InGaN / InGaN
Peak wavelength λp = 630 / 517 / 472nm
Viewing angle: 20°
Common Anode
Notes:
1. All dimensions are in millimeter.
2. Lead spacing is measured where the lead
emerge from the package.
SELECTION GUIDE
Chip Material
Chip Emitted
Lens Color
Viewing Angle
AlGaInP
Super Red
InGaN
Super Green
InGaN
Super Blue
Water Clear
20°


Similar Part No. - B5-4RGB-CBA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B5-430-JD ETC-B5-430-JD Datasheet
103Kb / 3P
Super bright LED Lamp
logo
Roithner LaserTechnik G...
B5-430-JD ROITHNER-B5-430-JD Datasheet
110Kb / 3P
Super bright LED Lamp
B5-433-20 ROITHNER-B5-433-20 Datasheet
196Kb / 4P
B5-433-20 is a AlGaInP LED mounted on a lead frame with a clear epoxy lens
B5-433-20D ROITHNER-B5-433-20D Datasheet
159Kb / 3P
Super bright LED Lamp
B5-433-B505 ROITHNER-B5-433-B505 Datasheet
189Kb / 4P
B5-433-B505 is a InGaN LED mounted on a lead frame with a clear epoxy lens
More results

Similar Description - B5-4RGB-CBA

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
B5-230-JD ROITHNER-B5-230-JD Datasheet
109Kb / 3P
Super bright LED Lamp
B5-430-JD ROITHNER-B5-430-JD Datasheet
110Kb / 3P
Super bright LED Lamp
B5-433-20D ROITHNER-B5-433-20D Datasheet
159Kb / 3P
Super bright LED Lamp
B5-433-B525 ROITHNER-B5-433-B525 Datasheet
158Kb / 3P
Super bright LED Lamp
B5-435-30 ROITHNER-B5-435-30 Datasheet
159Kb / 3P
Super bright LED Lamp
B5-436-30D ROITHNER-B5-436-30D Datasheet
159Kb / 3P
Super bright LED Lamp
B5-437-CVD ROITHNER-B5-437-CVD Datasheet
161Kb / 4P
Super bright LED Lamp
B3B-443-B505 ROITHNER-B3B-443-B505 Datasheet
125Kb / 3P
super bright led lamp
B3B-447-IX ROITHNER-B3B-447-IX Datasheet
124Kb / 3P
super bright led lamp
B5-43SUN-JD ROITHNER-B5-43SUN-JD Datasheet
195Kb / 3P
super bright led lamp
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com