Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B5-4RGB-CBA Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # B5-4RGB-CBA
Description  Super bright LED Lamp
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

B5-4RGB-CBA Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  B5-4RGB-CBA Datasheet HTML 1Page - Roithner LaserTechnik GmbH B5-4RGB-CBA Datasheet HTML 2Page - Roithner LaserTechnik GmbH B5-4RGB-CBA Datasheet HTML 3Page - Roithner LaserTechnik GmbH B5-4RGB-CBA Datasheet HTML 4Page - Roithner LaserTechnik GmbH B5-4RGB-CBA Datasheet HTML 5Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ROITHNER LASERTECHNIK
B5-4RGB-CBA
Schoenbrunner Strasse 7, Vienna, Austria, Tel.: +43-1-586 52 43 – 0 Fax.: +43-1-586 52 43 44
office@roithner-laser.com, http://www.roithner-laser.com
REV.2002/9/18
2(5)
ABSOLUTE MAXIMUM RATINGS
(Ta=25 )
PARAMETER
SYMBOL
MAX. RATING
Unit
Red
120
Green
120
Power Dissipation
Blue
PD
120
mW
Red
200
Green
100
Peak Forward Current (1/10 Duty Cycle@1KHz )
Blue
IPF
100
mA
Red
50
Green
30
Continuous Forward Current
Blue
IAF
30
mA
Reverse Voltage
VR
5.0
V
Red
-40~+85
Operating Temperature Range
G & B
TOPR
-20~+80
°C
Red
-40~+85
Storage Temperature Range
G & B
TSTG
-30~+100
°C
Solder temperature 1.6 mm from body for 3 seconds at 260 °C
OPTICAL-ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST
CONDITION
MIN
TYP
MAX
UNIT
Red
840
1200
Green
2590
3700
Luminous Intensity
Blue
IV
IF=20mA
490
700
mcd
Red
2.0
2.4
Green
3.5
4.0
Forward Voltage
Blue
VF
IF=20mA
3.5
4.0
V
Red
10
Green
10
Reverse Current
Blue
IR
VR=5V
10
uA
Viewing Angle
2θ1/2
IF=20mA
20
deg.
Red
630
Green
517
Peak Wavelength
Blue
λP
IF=20mA
472
nm
Red
625
Green
515
Dominant Wavelength
Blue
λD
IF=20mA
470
nm
Red
20
Green
30
Spectrum Radiation Bandwidth
Blue
∆λ
IF=20mA
35
nm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com