Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-7002 Datasheet(PDF) 13 Page - BOSER Technology Co., Ltd

Part # HS-7002
Description  800MHz FSB Pentium짰 4 Industrial Single Board Computer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-7002 Datasheet(HTML) 13 Page - BOSER Technology Co., Ltd

Back Button HS-7002 Datasheet HTML 9Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 10Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 11Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 12Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 13Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 14Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 15Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 16Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 17Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 78 page
background image
7
Chapter 3
Hardware Installation
This chapter provides the information on how to install the hardware
using the HS-7002. This chapter also contains information related to
jumper settings of switch, watchdog timer selection, etc.
3.1
Before Installation
After confirming your package contents, you are now ready to install
your hardware. The following are important reminders and steps to
take before you begin with your installation process.
1.
Make sure that all jumper settings match their default settings
and CMOS setup correctly. Refer to the sections on this chapter
for the default settings of each jumper. (Set JP3 1-2)
2.
Go through the connections of all external devices and make
sure that they are installed properly and configured correctly
within the CMOS setup. Refer to the sections in this chapter for
the detailed information on the connectors.
3.
Keep the manual and diskette in good condition for future
reference and use.
4.
Make sure your power supply is you use is for P4 only. One of
4-pin connectors is for +12V lead which should be connected
to CN1 connector of the HS-7002.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com