Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-7002 Datasheet(PDF) 39 Page - BOSER Technology Co., Ltd

Part # HS-7002
Description  800MHz FSB Pentium짰 4 Industrial Single Board Computer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-7002 Datasheet(HTML) 39 Page - BOSER Technology Co., Ltd

Back Button HS-7002 Datasheet HTML 35Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 36Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 37Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 38Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 39Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 40Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 41Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 42Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 43Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 78 page
background image
33
4.7
Integrated Peripherals
The IDE hard drive controllers can support up to two separate hard
drives. These drives have a master/slave relationship that is
determined by the cabling configuration used to attach them to the
controller. Your system supports two IDE controllers--a primary
and a secondary--so you can install up to four separate hard disks.
PIO means Programmed Input/Output. Rather than having the
BIOS issue a series of commands to affect the transfer to or from
the disk drive, PIO allows the BIOS to tell the controller what it
wants and then let the controller and the CPU perform the
complete task by them. This is much simpler and more efficient
(also faster).
Phoenix – AwardBIOS CMOS Setup Utility
Integrated Peripherals
OnChip IDE Device
[Press Enter]
Item Help
Onboard Device
[Press Enter]
Menu Level
SuperIO Device
[Press Enter]
: Select Item + / - /PU/PD: Value
F10: Save
ESC: Quit
F1: General Help
F5: Previous Values
F6: Fail-Safe Defaults F7: Optimized Defaults
Phoenix – AwardBIOS CMOS Setup Utility
OnChip IDE Device
IDE HDD Block Mode
[Enabled]
Item Help
On-Chip Primary PCI IDE
[Enabled]
Menu Level
IDE Primary Master PIO
[Auto]
IDE Primary Slave PIO
[Auto]
IDE Primary Master UDMA
[Auto]
IDE Primary Slave UDMA
[Auto]
On-Chip Secondary PCI IDE
[Auto]
IDE Secondary Master PIO
[Auto]
IDE Secondary Slave PIO
[Auto]
IDE Secondary Master UDMA
[Auto]
IDE Secondary Slave UDMA
[Auto]
*** On-Chip Serial ATA Setting ***
On-Chip Serial ATA
[Auto]
Serial ATA Port0 Mode
[Primary Master]
Serial ATA Port1 Mode
[Primary Master]
: Select Item + / - /PU/PD: Value
F10: Save
ESC: Quit
F1: General Help
F5: Previous Values
F6: Fail-Safe Defaults F7: Optimized Defaults



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com