Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-7002 Datasheet(PDF) 21 Page - BOSER Technology Co., Ltd

Part # HS-7002
Description  800MHz FSB Pentium짰 4 Industrial Single Board Computer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-7002 Datasheet(HTML) 21 Page - BOSER Technology Co., Ltd

Back Button HS-7002 Datasheet HTML 17Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 18Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 19Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 20Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 21Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 22Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 23Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 24Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 25Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 78 page
background image
15
3.10 Floppy Disk Drive Connector
The HS-7002 uses a standard 34-pin header connector, CN10, for
floppy disk drive connection. A total of two FDD drives may be
connected to CN10 at any given time.
CN10: FDD Connector
PIN
Description
PIN
Description
1
GND
2
DRVDEN0
3
GND
4
N/C
5
GND
6
DRVDEN1
7
GND
8
INDEX#
9
GND
10
MTR0#
11
GND
12
DS1#
13
GND
14
DS0#
15
GND
16
MTR1#
17
GND
18
DIR#
19
GND
20
STEP#
21
GND
22
WDATA#
23
GND
24
WGATE#
25
GND
26
TRAK00#
27
GND
28
WRTPRT#
29
GND
30
RDATA#
31
GND
32
HDSEL#
33
GND
34
DSKCHG#
1
2
34
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com