Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KV1450TL Datasheet(PDF) 2 Page - TOKO, Inc

Part # KV1450TL
Description  VARIABLE CAPACITANCE DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

KV1450TL Datasheet(HTML) 2 Page - TOKO, Inc

  KV1450TL Datasheet HTML 1Page - TOKO, Inc KV1450TL Datasheet HTML 2Page - TOKO, Inc KV1450TL Datasheet HTML 3Page - TOKO, Inc KV1450TL Datasheet HTML 4Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2
July 1999 TOKO, Inc.
KV1450
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
V
REV
Reverse Voltage
I
REV = 10 µA16
V
I
REV
Reverse Current
V
REV = 10.0 V
100
nA
C1
Diode Capacitance 1
V
REV = 1.0 V, f = 1 MHz
59.15
62.50
65.90
pF
C6
Diode Capacitance 6
V
REV = 6.0 V, f = 1 MHz
17.67
23.54
pF
C9
Diode Capacitance 9
V
REV = 9.0 V, f = 1 MHz
10.77
13.26
pF
Q
Quality Factor
V
REV = 3.0 V, f = 100 MHz
60
A1
Capacitance Ratio
C1 / C
9
4.60
ELECTRICAL CHARACTERISTICS
Test conditions: T
A = 25 °C
Note 1: Diode Capacitance measured with HP 4279A or equivalent instruments (at OSC level 20 mVrms,
± 5 mVrms).
Note 2: Quality Factor measured with HP 4191A or equivalent instruments.
ABSOLUTE MAXIMUM RATINGS
Storage Temperature Range ................... -55 to +150
°C
Operating Temperature Range ................... -55 to +85
°C
Lead Soldering Temperature (10 s) ...................... 235
°C
Reverse Voltage ....................................................... 18 V
Forward Current .................................................... 50 mA
Power Dissipation .............................................. 100 mW



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com