Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KV1450TL Datasheet(PDF) 3 Page - TOKO, Inc

Part # KV1450TL
Description  VARIABLE CAPACITANCE DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

KV1450TL Datasheet(HTML) 3 Page - TOKO, Inc

  KV1450TL Datasheet HTML 1Page - TOKO, Inc KV1450TL Datasheet HTML 2Page - TOKO, Inc KV1450TL Datasheet HTML 3Page - TOKO, Inc KV1450TL Datasheet HTML 4Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
July 1999 TOKO, Inc.
Page 3
KV1450
TYPICAL PERFORMANCE CHARACTERISTICS
CAPACITANCE vs.
REVERSE VOLTAGE
VREV (V)
10
0
1
2
3
4
5
6
7
8
9
30
100
TA = 25 °C
f = 1 MHz
0
2
4
6
8
10
12
14 16
VREV (V)
1 n
100 p
1 p
100 f
REVERSE CURRENT vs.
REVERSE VOLTAGE
TA = 55 °C
TA = 25 °C
TA = 85 °C
10 p
QUALITY FACTOR vs.
REVERSE VOLTAGE
VREV (V)
100
10
1000
0
1
2
3
4
5
6
7
8
9
f = 50 MHz
100 MHz
70 MHz
TA = 25 °C
SERIES RESISTANCE vs.
FREQUENCY
f (MHz)
0.8
0.6
0.4
VREV = 3 V
TA = 25 °C
50
100
300
500
VREV (V)
1.05
1.00
1.03
0.96
0.95
TA = +85 °C
-55
°C
-15
°C
+25
°C
+55
°C
f = 1 MHz
0
1
2
3
4
5
6
7
8
9
0.98
0.99
1.02
1.04
vs. REVERSE VOLTAGE
C (TA)
C (25
°C)
0.97
1.01
TEMPERATURE COEFFICIENT
vs. REVERSE VOLTAGE
VREV (V)
1000
100
0
1
2
3
4
5
6
7
8
9
300
TA = -55 °C to +85 °C
f = 1 MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com