Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KV1450TL Datasheet(PDF) 1 Page - TOKO, Inc

Part # KV1450TL
Description  VARIABLE CAPACITANCE DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

KV1450TL Datasheet(HTML) 1 Page - TOKO, Inc

  KV1450TL Datasheet HTML 1Page - TOKO, Inc KV1450TL Datasheet HTML 2Page - TOKO, Inc KV1450TL Datasheet HTML 3Page - TOKO, Inc KV1450TL Datasheet HTML 4Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
July 1999 TOKO, Inc.
Page 1
KV1450
VARIABLE CAPACITANCE DIODE
FEATURES
s Very Low Series Resistance
s Excellent Linearity (CV Curve)
s Large Capacitance Ratio (A1 = 4.60 minimum)
s Two Diodes in a Miniature Package (SOT23-3)
s Very Small Capacitance Deviation at Tape/Reel
APPLICATIONS
s FM Radio
s Voltage Controlled Oscillator
RANK
C
1
2345
C1
MIN
59.15
60.30
61.50
62.75
64.00
MAX
60.90
62.10
63.35
64.65
65.90
CLASSIFICATION
(Unit: pF)
ORDERING INFORMATION
TAPE/REEL CODE
TL: Tape Left
Tape/Reel Code
KV1450
12
3
20P
KV1450
DESCRIPTION
The KV1450 variable capacitance diode was specially
made to be used as tuning elements in car radios, radio
cassettes, stereos, and other consumer radios.
The
KV1450 is suitable for wide band tuning from 76 to 108
MHz.
If the KV450 is used only for FM reception, it is possible to
operate it at 4.5 V so it is very useful in lowering the power
demands of the set.
The KV1450 is available in the miniature SOT23-3 package.


Similar Part No. - KV1450TL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
KV1400 TOKO-KV1400 Datasheet
35Kb / 4P
VARIABLE CAPACITANCE DIODE
KV1400F0 TOKO-KV1400F0 Datasheet
35Kb / 4P
VARIABLE CAPACITANCE DIODE
KV1400TL TOKO-KV1400TL Datasheet
35Kb / 4P
VARIABLE CAPACITANCE DIODE
logo
Microsemi Corporation
KV1401 MICROSEMI-KV1401 Datasheet
129Kb / 3P
VARACTOR DIODES HF/VHF Super Hyperabrupt Junction TM
logo
Advanced Semiconductor
KV1402 ASI-KV1402 Datasheet
12Kb / 1P
SILICON VARACTOR DIODE
More results

Similar Description - KV1450TL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
KV1360NT TOKO-KV1360NT Datasheet
45Kb / 4P
VARIABLE CAPACITANCE DIODE
KV1430 TOKO-KV1430 Datasheet
35Kb / 4P
VARIABLE CAPACITANCE DIODE
KV1440 TOKO-KV1440 Datasheet
35Kb / 4P
VARIABLE CAPACITANCE DIODE
KV1471K TOKO-KV1471K Datasheet
23Kb / 4P
VARIABLE CAPACITANCE DIODE
logo
Sony Corporation
1T368A SONY-1T368A Datasheet
40Kb / 4P
Variable Capacitance Diode
1T399 SONY-1T399 Datasheet
46Kb / 4P
Variable Capacitance Diode
1T404 SONY-1T404 Datasheet
52Kb / 4P
Variable Capacitance Diode
1T411 SONY-1T411 Datasheet
47Kb / 4P
Variable Capacitance Diode
logo
Toshiba Semiconductor
1SV162 TOSHIBA-1SV162 Datasheet
34Kb / 1P
VARIABLE CAPACITANCE DIODE
logo
AUK corp
SDV708Q AUK-SDV708Q_1 Datasheet
174Kb / 3P
Variable Capacitance Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com