Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT5510 Datasheet(PDF) 6 Page - Cadeka Microcircuits LLC.

Part # SPT5510
Description  16-BIT, 200 MWPS ECL D/A CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT5510 Datasheet(HTML) 6 Page - Cadeka Microcircuits LLC.

  SPT5510 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT5510 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT5510 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT5510 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT5510 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT5510 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT5510 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT5510 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
9/27/00
SPT5510
The feedback resistor should be matched to RSET to reduce
gain drift. Also, the op amp’s ground reference should be
the same as RSET’s to reduce gain and offset errors. A com-
posite amplifier may be required to obtain optimal dc perfor-
mance. A differential circuit may be used; a common heat
sink covering both sides (op amps and resistors) will help
reduce temperature effects.
Achieving good settling performance requires careful board
layout with multiple decoupling circuits and very clean
power and ground routing. It is important that digital switch-
ing currents do not flow across analog input (REFIN) and
output signals. Terminations must be broadband and near
the device. Measuring settling performance is quite chal-
lenging and requires several test systems to ensure settling
errors from the instruments are not included.
Dynamic performance characteristics (e.g., settling, rise
and fall times, etc.) were measured with the outputs termi-
nated to ground through 50
Ω resistors. SFDR was deter-
mined using a transformer to convert the output from differ-
ential to single-ended as shown in figure 5. The SPT5510 is
designed primarily for step and settle or narrowband RF
applications. The second harmonic generally dominates
wideband SFDR measurements, although close-in spurs
are very small.
BANDGAP VOLTAGE REFERENCE
The on-chip bandgap voltage reference is designed to bias
the non-inverting input of the reference amplifier (AMPINB)
through a resistor equal to RSET to help compensate the ref-
erence amplifier (see the following section). If the bandgap
voltage is required by another DAC, or elsewhere in the sys-
tem, it must be buffered with a precision op amp configured
as a high impedance (e.g., unity gain follower) buffer. A
resistor, or RC filter, plus a ferrite bead will help isolate the
output from the reference amplifier’s compensation and
high-frequency charge pulses produced during operation.
The output should always be very carefully checked for
oscillations using a sensitive, wideband oscilloscope and
spectrum analyzer.
REFERENCE AMPLIFIER
The reference amplifier is a highly temperature-stable driver
to bias the precision current sinks. The reference amplifier
should only be used to drive REFIN. Additional loads will
change the amplifier’s compensation, which can lead to
instability and other settling issues.
There are two reference amplifier outputs: AMPOUT and
AMPCC. AMPOUT has a 20 ohm series resistor between the
output of the reference amplifier and the AMPOUT pin;
AMPCC has a 10 ohm resistor. These parallel outputs aide
compensation and decoupling. The open-loop output
impedance is approximately 1200 ohms.
Reference amplifier compensation is key to achieving high
performance. Without proper compensation, oscillations
that affect accuracy and settling time will occur. Figure 6
shows a typical reference amplifier compensation circuit.
Note that several small value capacitors are used from
REFIN to ground. This is to provide suitably low impedance
IOUT
25
25
IOUT
Figure 5 – Transformer Output Circuit
Figure 6 – Reference Amplifier Circuit
+
–
20
Ω
10
Ω
19
20
AMPCC
AMPOUT
50
Ω
15
VEE
20 pF
1 k
Ω
1 k
Ω
RSET
BGOUT
0.01
µF
Ref Amp
C1
C2
C3
47 pF each
SPT5510 DAC
16
18
17
21
10 pF
0.01
µF
All components are ceramic chip-type.
AMPB
REFIN



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com