Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT5510 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # SPT5510
Description  16-BIT, 200 MWPS ECL D/A CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT5510 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  SPT5510 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT5510 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT5510 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT5510 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT5510 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT5510 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT5510 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT5510 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SPT5510
16-BIT, 200 MWPS ECL D/A CONVERTER
APPLICATIONS
• High-precision arbitrary waveform generation
• Test and measurement instrumentation
• Digital waveform synthesis
• Microwave and satellite modems
• Disk drive test equipment
• Industrial process control
• Military applications
BLOCK DIAGRAM
GENERAL DESCRIPTION
The SPT5510 is a 16-bit, 200 MWPS digital-to-analog
converter designed for high-resolution waveform synthesis
for test and measurement instrumentation applications. It
features true 16-bit linearity, with differential non-linearity of
typically
±0.6 LSB and integral non-linearity of ±0.75 LSB. It
FEATURES
• 16-Bit, 200 MWPS digital-to-analog converter
• Differential linearity of
±0.6 LSB (typical)
• Integral linearity of
±0.75 LSB (typical)
• Fast settling time: 35 ns to 0.0008%; 25 ns to 0.01%
• Low glitch energy
• On-chip voltage reference
• ECL compatibility
has a very high-speed update rate of up to 200 MHz and is
ECL compatible. It has an ultrafast settling time of 25 ns to
0.01% and 35 ns to 0.0008%.
The SPT5510 operates over an industrial temperature
range of –40
°C to +85 °C and is available in a 10 x 10 mm,
44-lead metric quad flat pack (MQFP) plastic package.
16
16
12
12
16
IOUT
IOUT
CLK
Digital Inputs
D15–D0
Bandgap
Reference
BGOUT
RSET
AMPINB
+
Ref
Amp
AMPOUT
AMPCC
20
10
Bias
Reference
Cell
Bias
Current
Cells
D15–D12
D11–D0
MSB Latch
LSB Latch
Input
Latch
MSB
Decoder
LSB
Buffer
IOUT IOUT
REFIN


Similar Part No. - SPT5510

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT5510 FAIRCHILD-SPT5510 Datasheet
61Kb / 8P
16-BIT, 200 MWPS ECL D/A CONVERTER
SPT5510SIM FAIRCHILD-SPT5510SIM Datasheet
61Kb / 8P
16-BIT, 200 MWPS ECL D/A CONVERTER
More results

Similar Description - SPT5510

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT5510 FAIRCHILD-SPT5510 Datasheet
61Kb / 8P
16-BIT, 200 MWPS ECL D/A CONVERTER
SPT9712 FAIRCHILD-SPT9712 Datasheet
48Kb / 7P
12-BIT, 100 MWPS ECL D/A CONVERTER
SPT9713 FAIRCHILD-SPT9713 Datasheet
48Kb / 7P
12-BIT, 100 MWPS TTL D/A CONVERTER
logo
Cadeka Microcircuits LL...
SPT5310 CADEKA-SPT5310 Datasheet
2Mb / 8P
12-BIT, 250 MWPS ECL D/A CONVERTER
SPT9712 CADEKA-SPT9712 Datasheet
137Kb / 7P
12-BIT, 100 MWPS ECL D/A CONVERTER
SPT9713 CADEKA-SPT9713 Datasheet
137Kb / 7P
12-BIT, 100 MWPS TTL D/A CONVERTER
logo
Analog Devices
AD977BRZ AD-AD977BRZ Datasheet
284Kb / 24P
16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV. D
AD977ARZ AD-AD977ARZ Datasheet
284Kb / 24P
16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV. D
AD977 AD-AD977_15 Datasheet
284Kb / 24P
16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV. D
AD977A AD-AD977A_15 Datasheet
284Kb / 24P
16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com