Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT5510 Datasheet(PDF) 7 Page - Cadeka Microcircuits LLC.

Part # SPT5510
Description  16-BIT, 200 MWPS ECL D/A CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT5510 Datasheet(HTML) 7 Page - Cadeka Microcircuits LLC.

  SPT5510 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT5510 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT5510 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT5510 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT5510 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT5510 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT5510 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT5510 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
9/27/00
SPT5510
LONG-TERM STABILITY
VERSUS TEMPERATURE
As with all high-speed, high-resolution digital-to-analog con-
verters, the initial accuracy of the device will degrade with
both time and temperature. The graph shown in figure 7 can
be used to determine the expected change in linearity per-
formance over time when the device is operated at various
ambient temperatures. This graph shows how long it will
take for the SPT5510 linearity to change by 8 ppm (or 1/2
LSB) at any operating temperature. The top curve shown
represents integral nonlinearity (ILE) changes; the bottom
curve shows differential nonlinearity (DLE) changes.
Figure 7 – Linearity Performance over Time
Temperature (
°C)
Expected time required to produce an 8 ppm (1/2 LSB) linearity
(ILE or DLE) shift as a function of temperature.
0
20
40
60
80
100
120
1 month
1 year
100 years
1000 years
ILE
DLE
around 300 MHz, the amplifier’s phase crossover point. The
unity-gain bandwidth is roughly 700 MHz. Larger value
capacitors exhibit lower self-resonance frequency and thus
may not adequately compensate the reference amplifier.
Large capacitors may also introduce low frequency tails
which increase settling time. The DAC itself exhibits very
broadband switching spikes (charge kickback) at the RSET
node, which can contribute to amplifier instability if not sup-
pressed. Note that the AMPINB input must not be directly
bypassed, as this will short all feedback to ground, leading
to severe oscillation.
Compensation must be optimized for each application. As
with any high-speed, high-resolution design, attention must
be paid to grounding, decoupling, and parasitic elements
that may cause instability. It may be wise to use a guard
ring, and/or clear the board ground, around the reference
amplifier’s inputs. All traces must be short, and capacitors
with high self-resonance must be used.
Compensation is perhaps the most challenging aspect of
setting up the SPT5510. By slowly switching a full-scale
data input (generating a low-frequency square wave), with
appropriate clock timing, the DAC’s output can be observed
using a suitable oscilloscope and spectrum analyzer to
observe and suppress any oscillations caused by board and
ther assistance if required.
PACKAGE OUTLINE
44-Lead MQFP
Index
A
B
C
D
Pin 1
E
F
G
H
I
J
K
INCHES
MILLIMETERS
SYMBOL
MIN
MAX
MIN
MAX
A
0.5098
0.5295
12.95
13.45
B
0.3917
0.3957
9.95
10.05
C
0.3917
0.3957
9.95
10.05
D
0.5098
0.5295
12.95
13.45
E
0.0311
0.0319
0.79
0.81
F
0.0118
0.0177
0.30
0.45
G
0.0768
0.0827
1.95
2.10
H
0.0039
0.0098
0.10
0.25
I
0.0287
0.0406
0.73
1.03
J
0.0630 REF
1.60 REF
K0
°
7
°
0
°
7
°
decoupling parasitics. Consult CADEKA Applications for fur-



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com