Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7710 Datasheet(PDF) 9 Page - Cadeka Microcircuits LLC.

Part # SPT7710
Description  8-BIT, 150 MSPS, FLASH A/D CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7710 Datasheet(HTML) 9 Page - Cadeka Microcircuits LLC.

Back Button SPT7710 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7710 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7710 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7710 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7710 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7710 Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT7710 Datasheet HTML 10Page - Cadeka Microcircuits LLC. SPT7710 Datasheet HTML 11Page - Cadeka Microcircuits LLC. SPT7710 Datasheet HTML 12Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
8/17/01
SPT7710
Figure 4 – Subcircuit Schematics
AGND
VIN
VEE
VR
Input Circuit
AGND
–1.3 V
VEE
MINV
LINV
10 kW
16 kW
MINV, LINV Input Circuit
Output Circuit
AGND
Data Out
DGND
Figure 5 – Clock Input
AGND
–1.3 V
13 kW
13 kW
VEE
CLK
CLK
Figure 6 – Burn-In Circuit (42-lead DIP Package only)
R2
R1 = 50 W 1/4 Watt CC 5%
R2 = 1 kW 1/4 Watt CC 5%
R3 = 6.5 W 1/4 Watt CC 5%
R4 = 6.5 W 1/2 Watt CC 5%
VREF = –2.0 Volts
VEE = –6.6 Volts
R3
1N4736
R4
R4
LINV
MINV
R2
–2.0 V
R2
R2
VIN
VREF
VEE
CLK
CLK
–2.0 V
R1 R1
R1 R1 R1 R1 R1
R1
VIN
D0
D1
D2
D3
D4
D5
D6
D7
CLK
CLK
EVALUATION BOARDS
The EB7710 evaluation board is available to aid designers
in demonstrating the full performance of the SPT7710.
This board includes a voltage reference circuit, clock
driver circuit, output data latches, and an on-board recon-
struction of the digital data. An application note describing
the operation of this board, as well as application tips, is
also available. Contact the factory for price and delivery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com