Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7710 Datasheet(PDF) 4 Page - Cadeka Microcircuits LLC.

Part # SPT7710
Description  8-BIT, 150 MSPS, FLASH A/D CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7710 Datasheet(HTML) 4 Page - Cadeka Microcircuits LLC.

  SPT7710 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7710 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7710 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7710 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7710 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7710 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7710 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7710 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7710 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
8/17/01
SPT7710
TYPICAL PERFORMANCE CHARACTERISTICS
1
10
100
34
36
38
40
42
44
46
48
50
52
Input Frequency (MHz)
ƒS = 125 MSPS
110
100
34
36
38
40
42
44
46
48
50
52
Input Frequency (MHz)
ƒS = 125 MSPS
1
10
100
34
36
38
40
42
44
46
48
50
52
Input Frequency (MHz)
ƒS = 125 MSPS
Temperature (°C)
–40
–20
0
20
40
60
80
30
35
40
45
50
ƒS = 125 MSPS
ƒIN = 50 MHz
SNR
THD
SINAD
SNR vs Input Frequency
THD vs Input Frequency
SINAD vs Input Frequency
SNR, THD, SINAD vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com