Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7710 Datasheet(PDF) 3 Page - Cadeka Microcircuits LLC.

Part # SPT7710
Description  8-BIT, 150 MSPS, FLASH A/D CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7710 Datasheet(HTML) 3 Page - Cadeka Microcircuits LLC.

  SPT7710 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7710 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7710 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7710 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7710 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7710 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7710 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7710 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7710 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
8/17/01
SPT7710
TEST LEVEL CODES
All electrical characteristics are subject to the
following conditions:
All parameters having min/max specifications
are guaranteed. The Test Level column indi-
cates the specific device testing actually per-
formed during production and Quality Assur-
ance inspection. Any blank section in the data
column indicates that the specification is not
tested at the specified condition.
Unless otherwise noted, all test are pulsed
tests; therefore, TJ = TC = TA.
LEVEL
TEST PROCEDURE
I
100% production tested at the specified temperature.
II
100% production tested at TA = +25 °C, and sample tested at the
specified temperatures.
III
QA sample tested only at the specified temperatures.
IV
Parameter is guaranteed (but not tested) by design and characteri-
zation data.
V
Parameter is a typical value for information purposes only.
VI
100% production tested at TA = +25 °C. Parameter is guaranteed
over specified temperature range.
ELECTRICAL SPECIFICATIONS
TA= TMIN to TMAX, VEE=–5.2 V, RSource=50 Ω, VRBF=–2.00 V, VR2=–1.00 V, VRTF=0.00 V, ƒCLK=125 MHz, Duty Cycle=50%, unless otherwise specified.
TEST
TEST
SPT7710A
SPT7710B
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Digital Inputs
Digital Input High Voltage
(MINV, LINV)
VI
–1.1
–0.7
–1.1
–0.7
Volts
Digital Input Low Voltage
(MINV, LINV)
VI
–2.0
–1.5
–2.0
–1.5
Volts
Clock Low Width, tPWL
VI
45
45
ns
Clock High Width, tPWH
VI
45
45
ns
Digital Outputs
Digital Output High Voltage
50
Ω to –2 V
VI
–1.1
–1.1
Volts
Digital Output Low Voltage
50
Ω to –2 V
VI
–1.5
–1.5
Volts
Power Supply Requirements
Supply Current
+25 °C
VI
425
550
425
550
mA
Power Dissipation
+25 °C
VI
2.2
2.9
2.2
2.9
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com