Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7850 Datasheet(PDF) 5 Page - Cadeka Microcircuits LLC.

Part # SPT7850
Description  10-BIT, 20 MSPS, 140 mW A/D CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7850 Datasheet(HTML) 5 Page - Cadeka Microcircuits LLC.

  SPT7850 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7850 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7850 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7850 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7850 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7850 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7850 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7850 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7850 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
6/15/01
SPT7850
Figure 1A – Timing Diagram 1
Figure 1B – Timing Diagram 2
Table I – Timing Parameters
DESCRIPTION
PARAMETERS
MIN
TYP
MAX
UNITS
Conversion Time
tC
2*tCLK
ns
Clock Period
tCLK
25
ns
Clock High Duty Cycle
tCH
40
50
60
%
Clock Low Duty Cycle
tCL
40
50
60
%
Clock to Output Delay (15 pF Load)
tOD
15
20
25
ns
DAV Pulse Width
tDAV
tCLK
ns
Clock to DAV
tS
16
21
26
ns
4
ANALOG IN
CLOCK IN
SAMPLING CLOCK
(Internal)
DIGITAL OUT
DATA VALID
12345678910
11
12
13
14
15
16
17
VALID
INVALID
5
6
7
1
2
3
8
9
10
11
DATA
VALID
DATA
OUTPUT
CLOCK
IN
Data 0
Data 1
Data 2
tC
tCL
tCH
tCLK
tOD
tDAV
tDAV
tS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com