Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7850 Datasheet(PDF) 2 Page - Cadeka Microcircuits LLC.

Part # SPT7850
Description  10-BIT, 20 MSPS, 140 mW A/D CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7850 Datasheet(HTML) 2 Page - Cadeka Microcircuits LLC.

  SPT7850 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7850 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7850 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7850 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7850 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7850 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7850 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7850 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7850 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
6/15/01
SPT7850
ELECTRICAL SPECIFICATIONS
TA=TMIN to TMAX, AVDD=DVDD=OVDD=+5.0 V, VIN=0 to 4 V, ƒCLK=40 MHz, ƒS=20 MSPS, VRHS=4.0 V, VRLS=0.0 V, unless otherwise specified.
TEST
TEST
SPT7850
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
UNITS
Resolution
10
Bits
DC Accuracy
100 kHz clock rate1
Integral Linearity Error (ILE)
V
±1.0
LSB
Differential Linearity Error (DLE)
V
±0.5
LSB
No Missing Codes
VI
Guaranteed
Analog Input
Input Voltage Range
VI
VRLS
VRHS
V
Input Resistance
IV
50
k
Input Capacitance
V
5.0
pF
Input Bandwidth
(Small Signal)
V
100
MHz
Offset
V
±2.0
LSB
Gain Error
V
±2.0
LSB
Reference Input
Resistance
VI
400
500
600
Bandwidth
V
100
150
MHz
Voltage Range
VRLS
IV
0
2.0
V
VRHS
IV
3.0
AVDD
V
VRHS – VRLS
V
1.0
4.0
5.0
V
∆(VRHF – VRHS)V
90
mV
∆(VRLS – VRLF)V
75
mV
Reference Settling Time
VRHS
V
15
Clock Cycles
VRLS
V
20
Clock Cycles
Conversion Characteristics
Maximum Conversion Rate
VI
20
MHz
Minimum Conversion Rate
V
50
kHz
Pipeline Delay (Latency)
IV
12
Clock Cycles
Aperture Delay Time
V
5
ns
Aperture Jitter Time
V
30
ps (p-p)
Dynamic Performance
Effective Number of Bits (ENOB)
ƒIN = 3.58 MHz
VI
8.8
Bits
ƒIN = 10.3 MHz
VI
8.5
Bits
Signal-to-Noise Ratio (SNR)
(without Harmonics)
ƒIN = 3.58 MHz
VI
53
56
dB
ƒIN = 10.3 MHz
VI
52
55
dB
1
SPT7850SCN is screened for DC accuracy tests at 100 kHz. SPT7850SIS and SPT7850SCT are screened for DC accuracy tests at 35 MHz.
ABSOLUTE MAXIMUM RATINGS (Beyond which damage may occur)1 25 °C
Note: 1. Operation at any Absolute Maximum Rating is not implied. See
Electrical Specifications for proper nominal applied conditions
in typical applications.
Supply Voltages
AVDD ...................................................................... +6 V
DVDD ..................................................................... +6 V
Input Voltages
Analog Input .............................. –0.5 V to AVDD +0.5 V
VREF .............................................................. 0 to AVDD
CLK Input ............................................................... VDD
AVDD – DVDD .................................................. ±100 mV
AGND – DGND .............................................. ±100 mV
Output
Digital Outputs ................................................... 10 mA
Temperature
Operating Temperature ............................ –40 to 85 °C
Junction Temperature ........................................ 175 °C
Lead Temperature, (soldering 10 seconds) ....... 300 °C
Storage Temperature ............................ –65 to +150 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com