Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7850 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # SPT7850
Description  10-BIT, 20 MSPS, 140 mW A/D CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7850 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  SPT7850 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7850 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7850 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7850 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7850 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7850 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7850 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7850 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7850 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SPT7850
10-BIT, 20 MSPS, 140 mW A/D CONVERTER
TECHNICAL DATA
JUNE 15, 2001
FEATURES
• Monolithic 20 MSPS converter
• 140 mW power dissipation
• On-chip track-and-hold
• Single +5 V power supply
• TTL/CMOS outputs
• 5 pF input capacitance
• Low cost
• Tri-state output buffers
• High ESD protection: 3,500 V minimum
• Selectable +3 V or +5 V logic I/O
APPLICATIONS
• All high-speed applications where low power
dissipation is required
• Video imaging
• Medical imaging
• IR imaging
• Scanners
• Digital communications
GENERAL DESCRIPTION
The SPT7850 is a 10-bit monolithic, low-cost, ultralow-
power analog-to-digital converter capable of minimum
word rates of 20 MSPS. The on-chip track-and-hold func-
tion assures very good dynamic performance without the
need for external components. The input drive require-
ments are minimized due to the SPT7850’s low input
capacitance of only 5 pF.
Power dissipation is extremely low at only 140 mW typical
(165 mW maximum) at 20 MSPS with a power supply of
+5.0 V. The digital outputs are +3 V or +5 V, and are user
selectable. The SPT7850 is pin-compatible with an entire
family of 10-bit, CMOS converters (SPT7835/40/50/55/60/
61), which simplifies upgrades. The SPT7850 has incorpo-
rated proprietary circuit design* and CMOS processing
technologies to achieve its advanced performance. Inputs
and outputs are TTL/CMOS-compatible to interface with
TTL/CMOS logic systems. Output data format is straight
binary.
The SPT7850 is available in 28-lead 300 mil PDIP and
32-lead small (7 mm square) TQFP packages over the
commercial temperature range, and in a 28-lead SOIC
package over the industrial temperature range.
*Patent pending
BLOCK DIAGRAM
11-Bit
SAR
DAC
ADC Section 1
T/H
11
11-Bit
SAR
DAC
ADC Section 8
Auto-
Zero
CMP
Auto-
Zero
CMP
T/H
11
VREF
1:8
Mux
11
11
11
11
11-Bit
8:1
Mux/
Error
Correction
Timing
and
Control
P1
P2
P7
P8
ADC Section 2
ADC Section 7
Reference Ladder
Ref
In
Enable
CLK In
Data
Valid
AIN
D10 Overrange
D9 (MSB)
D8
D7
D6
D5
D4
D3
D2
D1
D0 (LSB)
...
...
...
...


Similar Part No. - SPT7850

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7850 FAIRCHILD-SPT7850 Datasheet
97Kb / 13P
10-BIT, 20 MSPS, 140 mW A/D CONVERTER
SPT7850SCN FAIRCHILD-SPT7850SCN Datasheet
97Kb / 13P
10-BIT, 20 MSPS, 140 mW A/D CONVERTER
SPT7850SCT FAIRCHILD-SPT7850SCT Datasheet
97Kb / 13P
10-BIT, 20 MSPS, 140 mW A/D CONVERTER
SPT7850SIS FAIRCHILD-SPT7850SIS Datasheet
97Kb / 13P
10-BIT, 20 MSPS, 140 mW A/D CONVERTER
More results

Similar Description - SPT7850

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD876 AD-AD876 Datasheet
335Kb / 16P
10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV.B
logo
Fairchild Semiconductor
SPT7840 FAIRCHILD-SPT7840 Datasheet
95Kb / 12P
10-BIT, 10 MSPS, 100 mW A/D CONVERTER
SPT7850 FAIRCHILD-SPT7850 Datasheet
97Kb / 13P
10-BIT, 20 MSPS, 140 mW A/D CONVERTER
SPT7852 FAIRCHILD-SPT7852 Datasheet
67Kb / 11P
DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
logo
National Semiconductor ...
ADC10D020 NSC-ADC10D020 Datasheet
767Kb / 32P
Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
logo
List of Unclassifed Man...
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
10-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7840 CADEKA-SPT7840 Datasheet
188Kb / 12P
10-BIT, 10 MSPS, 100 mW A/D CONVERTER
SPT7852 CADEKA-SPT7852 Datasheet
175Kb / 11P
DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
logo
Analog Devices
AD876JST AD-AD876JST Datasheet
338Kb / 16P
10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
AD876 AD-AD876_15 Datasheet
338Kb / 16P
10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com