Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7863 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # SPT7863
Description  10-BIT, 40 MSPS, 160 mW A/D CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7863 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  SPT7863 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7863 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7863 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7863 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7863 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7863 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7863 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7863 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7863 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SPT7863
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
TECHNICAL DATA
AUGUST 21, 2001
FEATURES
• Monolithic 40 MSPS converter
• 160 mW power dissipation
• On-chip track-and-hold
• Single +5 V power supply
• TTL/CMOS outputs
• 5 pF input capacitance
• Low cost
• Tri-state output buffers
• High ESD protection: 3,500 V minimum
• Selectable +3 V or +5 V logic I/O
APPLICATIONS
• All high-speed applications where low power
dissipation is required
• Video imaging
• Medical imaging
• Radar receivers
• IR imaging
• Digital communications
GENERAL DESCRIPTION
The SPT7863 is a 10-bit monolithic, low-cost, ultralow-
power analog-to-digital converter capable of minimum
word rates of 40 MSPS. The on-chip track-and-hold func-
tion assures very good dynamic performance without the
need for external components. The input drive require-
ments are minimized due to the SPT7863’s low input
capacitance of only 5 pF.
Power dissipation is extremely low at only 160 mW typical
at 40 MSPS with a power supply of +5.0 V. The digital out-
puts are +3 V or +5 V, and are user selectable. The
SPT7863 is pin-compatible with an entire family of 10-bit,
CMOS converters (SPT7835/40/50/55/60/61), which sim-
plifies upgrades. The SPT7863 has incorporated propri-
etary circuit design and CMOS processing technologies to
achieve its advanced performance. Inputs and outputs are
TTL/CMOS-compatible to interface with TTL/CMOS logic
systems. Output data format is straight binary.
The SPT7863 is available in 28-lead SOIC and 32-lead
small (7 mm square) TQFP packages over the commer-
cial temperature range.
11-Bit
SAR
DAC
ADC Section 1
T/H
11
11-Bit
SAR
DAC
ADC Section 16
Auto-
Zero
CMP
Auto-
Zero
CMP
T/H
11
VREF
1:16
Mux
11
11
11
11
11-Bit
16:1
Mux/
Error
Correction
Timing
and
Control
P1
P2
P15
P16
ADC Section 2
ADC Section 15
Reference Ladder
Ref
In
Enable
CLK In
Data
Valid
AIN
D10 Overrange
D9 (MSB)
D8
D7
D6
D5
D4
D3
D2
D1
D0 (LSB)
...
...
...
...
BLOCK DIAGRAM


Similar Part No. - SPT7863

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7863 FAIRCHILD-SPT7863 Datasheet
91Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7863SCS FAIRCHILD-SPT7863SCS Datasheet
91Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7863SCT FAIRCHILD-SPT7863SCT Datasheet
91Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
More results

Similar Description - SPT7863

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD876 AD-AD876 Datasheet
335Kb / 16P
10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV.B
logo
Fairchild Semiconductor
SPT7852 FAIRCHILD-SPT7852 Datasheet
67Kb / 11P
DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
SPT7860 FAIRCHILD-SPT7860 Datasheet
99Kb / 12P
10-BIT, 40 MSPS, 175 mW A/D CONVERTER
SPT7861 FAIRCHILD-SPT7861 Datasheet
87Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7863 FAIRCHILD-SPT7863 Datasheet
91Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7852 CADEKA-SPT7852 Datasheet
175Kb / 11P
DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
SPT7860 CADEKA-SPT7860 Datasheet
193Kb / 12P
10-BIT, 40 MSPS, 175 mW A/D CONVERTER
SPT7861 CADEKA-SPT7861 Datasheet
180Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Analog Devices
AD876JST AD-AD876JST Datasheet
338Kb / 16P
10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
AD876 AD-AD876_15 Datasheet
338Kb / 16P
10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com