Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7922SCJ Datasheet(PDF) 6 Page - Cadeka Microcircuits LLC.

Part # SPT7922SCJ
Description  12-BIT, 30 MSPS, TTL, A/D CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7922SCJ Datasheet(HTML) 6 Page - Cadeka Microcircuits LLC.

Back Button SPT7922SCJ Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7922SCJ Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7922SCJ Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7922SCJ Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7922SCJ Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7922SCJ Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7922SCJ Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7922SCJ Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT7922SCJ Datasheet HTML 10Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
3/10/97
SPT7922
PERFORMANCE CHARACTERISTICS
50
20
30
40
60
70
80
100
101
102
THD vs Input Frequency
Input Frequency (MHz)
fs = 30 MSPS
Input Frequency (MHz)
SNR vs Input Frequency
100
101
102
fs = 30 MSPS
30
40
50
60
70
20
80
20
30
40
50
60
70
80
100
101
102
SINAD vs Input Frequency
Input Frequency (MHz)
fs =30 MSPS
20
30
40
50
60
70
80
100
101
102
SNR, THD, SINAD vs Sample Rate
Sample Rate (MSPS)
SNR,
THD
SINAD
fIN = 1 MHz
SNR, THD, SINAD vs Temperature
Temperature
55
60
65
70
75
50
fS = 30 MSPS
fIN = 1 MHz
SINAD
THD
SNR
-
25
0
+25
+50
+75
Spectral Response
Frequency (MHz)
-120 dB
-90 dB
-60 dB
-30 dB
0 dB
0
123
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com