Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7922SCJ Datasheet(PDF) 9 Page - Cadeka Microcircuits LLC.

Part # SPT7922SCJ
Description  12-BIT, 30 MSPS, TTL, A/D CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7922SCJ Datasheet(HTML) 9 Page - Cadeka Microcircuits LLC.

Back Button SPT7922SCJ Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7922SCJ Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7922SCJ Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7922SCJ Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7922SCJ Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7922SCJ Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7922SCJ Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT7922SCJ Datasheet HTML 10Page - Cadeka Microcircuits LLC. SPT7922SCJ Datasheet HTML 11Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
3/10/97
SPT7922
Figure 5 - Digital Output Characteristics
3.5 V
N+1
Rise Time
6 ns
2.4 V
N
CLK IN
2.4 V
Invalid
Data
6 ns
typ.
(N-2)
(N-1)
(N)
DATA OUT
(Actual)
0.8 V
0.5 V
Invalid
Data
DATA OUT
(Equivalent)
Invalid
Data
tpd1
(14 ns typ.)
(N-1)
(N-2)
(N-1)
Invalid
Data
OVERRANGE OUTPUT
The overrange output (D12) is an indication that the analog
input signal has exceeded the full scale input voltage by
1 LSB. When this condition occurs, the outputs will switch to
logic 1s. All other data outputs are unaffected by this opera-
tion. This feature makes it possible to include the SPT7922
into higher resolution systems.
EVALUATION BOARD
The EB7922 evaluation board is available to aid designers in
demonstrating the full performance of the SPT7922. This
board includes a reference circuit, clock driver circuit, output
data latches and an on-board reconstruction of the digital
data. An application note (AN7922) describing the operation
of this board as well as information on the testing of the
SPT7922 is also available. Contact the factory for price and
availability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com