Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7922SCJ Datasheet(PDF) 11 Page - Cadeka Microcircuits LLC.

Part # SPT7922SCJ
Description  12-BIT, 30 MSPS, TTL, A/D CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7922SCJ Datasheet(HTML) 11 Page - Cadeka Microcircuits LLC.

Back Button SPT7922SCJ Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7922SCJ Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7922SCJ Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7922SCJ Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7922SCJ Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7922SCJ Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7922SCJ Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT7922SCJ Datasheet HTML 10Page - Cadeka Microcircuits LLC. SPT7922SCJ Datasheet HTML 11Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
3/10/97
SPT7922
PIN ASSIGNMENTS
PIN FUNCTIONS
Name
Function
DGND
Digital Ground
AGND
Analog Ground
D0-D11
TTL Outputs (D0=LSB)
D12
TTL Output Overrange
CLK
Clock Input
VEE
-5.2 V Supply
VCC
+5.0 V supply
VRT1-VRT3
Voltage Reference Taps
VIN
Analog Input
DVCC
Digital +5.0 V Supply (TTL Outputs)
VFT
Force for Top of Reference Ladder
VST
Sense for Top of Reference Ladder
VFB
Force for Bottom of Reference Ladder
VSB
Sense for Bottom of Reference Ladder
ORDERING INFORMATION
PART NUMBER
TEMPERATURE RANGE
PACKAGE
SPT7922SCJ
0 to +70
°C
32L Sidebrazed DIP
SPT7922SCQ
0 to +70
°C
44L Cerquad
17
CLK
21
V
FT
20
V
CC
18
V
EE
25
V
RT2
24
V
IN
27
V
SB
26
V
RT1
22
V
ST
AGND
30
V
EE
31
32
28
V
FB
29
V
CC
DVCC
DGND
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
DGND
D12
DVCC
1
2
3
4
5
6
7
8
9
10
11
12
15
14
16
13
D11
23
V
RT3
19
AGND
N/C
VFB
VSB
VRT1
VRT2
VIN
VRT3
VST
VFT
N/C
VCC
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
N/C
1
2
3
4
5
6
7
8
9
10
11
33
32
31
30
29
28
27
26
25
24
23
44L Cerquad
32L Sidebrazed



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com