Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC3003KRC80 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # TMC3003KRC80
Description  Triple Video D/A Converter 10 bit, 80 Msps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC3003KRC80 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  TMC3003KRC80 Datasheet HTML 1Page - Cadeka Microcircuits LLC. TMC3003KRC80 Datasheet HTML 2Page - Cadeka Microcircuits LLC. TMC3003KRC80 Datasheet HTML 3Page - Cadeka Microcircuits LLC. TMC3003KRC80 Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC3003KRC80 Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC3003KRC80 Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC3003KRC80 Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC3003KRC80 Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC3003KRC80 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. 1.0.3 3/5/01
Features
• 10-bit resolution
• 80, 50, and 30 megapixels per second
• Sync and blank controls
• Sync on green D/A output
• 1.0V p-p video into 37.5
Ω or 75Ω load
• Enhancement of ADV7122
– Internal bandgap voltage reference
– Double-buffered data for low distortion
• TTL-compatible inputs
• Low glitch energy
• Single +5 Volt power supply
Applications
• Video signal conversion
– RGB
– YCBCR
– Composite, Y, C
• Multimedia systems
• Image processing
• True-color graphics systems (1 billion colors)
• Broadcast television equipment
• High-Definition Television (HDTV) equipment
• Direct digital synthesis
Block Diagram
10 bit
D/A Converter
10 bit
D/A Converter
10 bit
D/A Converter
10
G9-0
BLANK
SYNC
CLK
IOG
IOB
IOR
VREF
RREF
COMP
65-3003-01
+1.235V
Ref
10
B9-0
10
R9-0
Description
The TMC3003 is a high-speed triple 10-bit D/A converter
especially suited for video and graphics applications.
It offers 10-bit resolution, TTL-compatible inputs, low
power consumption, and requires only a single +5 Volt
power supply. It has single-ended current outputs, SYNC
and BLANK control inputs, and a separate current source for
adding sync pulses to the Green D/A converter output. It is
ideal for generating analog RGB from digital RGB and
driving computer display and video monitors. Three speed
grades are available: 30, 50, and 80 Msps.
The TMC3003 triple D/A converter is available in a 44-lead
plastic J-leaded PLCC and 48-Lead quad flatpack (LQFP).
It is fabricated on a sub-micron CMOS process with perfor-
mance guaranteed from 0°C to 70°C.
TMC3003
Triple Video D/A Converter
10 bit, 80 Msps
www.cadeka.com


Similar Part No. - TMC3003KRC80

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC3003KRC80 FAIRCHILD-TMC3003KRC80 Datasheet
96Kb / 12P
Triple Video D/A Converter
More results

Similar Description - TMC3003KRC80

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65530FP MITSUBISHI-M65530FP Datasheet
1Mb / 7P
TRIPLE 10-BIT VIDEO D-A CONVERTER
M65533FP MITSUBISHI-M65533FP Datasheet
119Kb / 16P
TRIPLE 10-BIT VIDEO D-A CONVERTER
logo
Texas Instruments
THS8133 TI-THS8133 Datasheet
339Kb / 23P
TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
logo
Fairchild Semiconductor
TMC3033 FAIRCHILD-TMC3033 Datasheet
119Kb / 12P
Triple Video D/A Converter 10 bit, 80 Msps
TMC3503 FAIRCHILD-TMC3503 Datasheet
69Kb / 14P
Triple Video D/A Converter 8 bit, 80 Msps, 5V
TMC3533 FAIRCHILD-TMC3533 Datasheet
68Kb / 12P
Triple Video D/A Converter 8 bit, 80 Msps, 3.3V
logo
List of Unclassifed Man...
SPT7868 ETC1-SPT7868 Datasheet
47Kb / 5P
10-BIT,80 MSPS A/D CONVERTER
logo
Cadeka Microcircuits LL...
TMC3033 CADEKA-TMC3033 Datasheet
216Kb / 12P
Triple Video D/A Converter 10 bit, 80 Msps
TMC3503 CADEKA-TMC3503 Datasheet
171Kb / 14P
Triple Video D/A Converter 8 bit, 80 Msps, 5V
logo
Texas Instruments
THS8134 TI1-THS8134_14 Datasheet
408Kb / 26P
TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com