Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC-280 Datasheet(PDF) 1 Page - BOSER Technology Co., Ltd

Part # RC-280
Description  Full-size Deskmount Chassis with 10-slot Backplane, 250W AT/ATX P/S
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

RC-280 Datasheet(HTML) 1 Page - BOSER Technology Co., Ltd

  RC-280 Datasheet HTML 1Page - BOSER Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Chassis
10-slot full-size deskmount chassis
Drive Space
5.25" CD-ROM space x 2, 3.5" FDD space x 1 on front panel; 3.5"
HDD space x 1
Front Panel
Power switch, reset button, three LED indicators, one keyboard
connector
Thermal Solution
12cm ball bearing cooling fan x 1
Altitude
15,000 feet
Power Supply
250W AT or ATX power supply
Temperature
0~+50
oC (operating); 0~+70oC (storage)
Humidity
5~95%; non-condensing
Safety Standard
FCC/CE on chassis and FCC/CE/UL/TUV on power supply
Dimensions (L x W x H)
40.77 x 33.0 x 17.06 cm
Specifications
RC-280
Full-size Deskmount Chassis with 10-slot
Backplane, 250W AT/ATX P/S
Industrial Chassis
10-slot space for full/half-size mainboard
Detachable card cage for easy installation and maintenance
With height adjustable anti-vibration crowbar securing plug-in
cards in place
Provides 250W AT/ATX power supply
5.25" CD-ROM space x 2, 3.5" FDD space x 1 on front panel;
3.5" HDD space x 1
12cm ball bearing cooling fan x 1
FCC/CE industrial Class A approval
Features
RC-280B
Full-size Deskmount Chassis (notify AT or ATX)
RC-280B-10S
RC-280B Chassis w/HPCI-10S B/P (notify AT or ATX)
RC-280BA-10S(AT)
RC-280B Chassis w/HPCI-10S B/P, ZKS-250AE AT P/S
RC-280BA-10S(ATX)
RC-280B Chassis w/HPCI-10S B/P, ZKS-250WX ATX P/S
Ordering Guide
35.26
33.0
36.8
33.0
36.8


Similar Part No. - RC-280

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
RC-2 TRIAD-RC-2 Datasheet
37Kb / 1P
RC-2
logo
Littelfuse
RC-200024-DS LITTELFUSE-RC-200024-DS Datasheet
224Kb / 2P
18 V AND 36 V MAX ISO MINI 6.3 MM FORM A, FORM 2A, AND FORM C RELAYS
2021 111722-A
RC-200124-DN LITTELFUSE-RC-200124-DN Datasheet
224Kb / 2P
18 V AND 36 V MAX ISO MINI 6.3 MM FORM A, FORM 2A, AND FORM C RELAYS
2021 111722-A
RC-200124-DN-BX LITTELFUSE-RC-200124-DN-BX Datasheet
224Kb / 2P
18 V AND 36 V MAX ISO MINI 6.3 MM FORM A, FORM 2A, AND FORM C RELAYS
2021 111722-A
RC-200124-NN LITTELFUSE-RC-200124-NN Datasheet
224Kb / 2P
18 V AND 36 V MAX ISO MINI 6.3 MM FORM A, FORM 2A, AND FORM C RELAYS
2021 111722-A
More results

Similar Description - RC-280

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC-120 ETC-RC-120 Datasheet
296Kb / 1P
FULL-SIZE RACKMOUNT CHASSIS WITH 2-SLOT BACKPLANE & 250W P/S
RC-741 ETC-RC-741 Datasheet
314Kb / 1P
19 4U HIGH FULL-SIZE RACKMOUNT CHASSIS WITH BACKPLANE MOTHERBOARD & ATX P/S
RC-160 ETC1-RC-160 Datasheet
3Mb / 1P
Full-size Wallmount Chassis with 6-slot backplane & 250w
logo
BOSER Technology Co., L...
RC-161 BOSER-RC-161 Datasheet
157Kb / 1P
Full-size Wallmount Chassis with 6-slot Backplane, 250W AT/ATX P/S Provides PICMG1.3 Full-size Backplane
RC-165 BOSER-RC-165 Datasheet
99Kb / 1P
Half-size Deskmount Chassis with 6-slot Backplane, 70W/100W P/S Provides PICMG1.3 Half-size Backplane
RC-191 BOSER-RC-191 Datasheet
137Kb / 1P
19" 4U High, Full-size Rackmount Chassis with 14-slot Backplane, 250W P/S
RC-720 BOSER-RC-720 Datasheet
138Kb / 1P
19" 2U High, Full-size Rackmount Chassis with MainBoard, 250W ATX P/S
RC-721 BOSER-RC-721 Datasheet
133Kb / 1P
19" 2U High, Full-size Rackmount Chassis with 6-slot Backplane, 250W AT/ATX P/S Provides PICMG1.3 Full-size Backplane
RC-740 BOSER-RC-740 Datasheet
227Kb / 1P
19" 4U High, Full-size Rackmount Chassis with Backplane/MainBoard, AT/ATX P/S
RC-741 BOSER-RC-741 Datasheet
227Kb / 1P
19" 4U High, Full-size Rackmount Chassis with Backplane/MainBoard, AT/ATX P/S Provides PICMG1.3 Full-size Backplane
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com