Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TK15321 Datasheet(PDF) 2 Page - TOKO, Inc

Part # TK15321
Description  Audio Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK15321 Datasheet(HTML) 2 Page - TOKO, Inc

  TK15321 Datasheet HTML 1Page - TOKO, Inc TK15321 Datasheet HTML 2Page - TOKO, Inc TK15321 Datasheet HTML 3Page - TOKO, Inc TK15321 Datasheet HTML 4Page - TOKO, Inc TK15321 Datasheet HTML 5Page - TOKO, Inc TK15321 Datasheet HTML 6Page - TOKO, Inc TK15321 Datasheet HTML 7Page - TOKO, Inc TK15321 Datasheet HTML 8Page - TOKO, Inc TK15321 Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Page 2
May 1999 TOKO, Inc.
TK15321
L
O
B
M
Y
SR
E
T
E
M
A
R
A
PS
N
O
I
T
I
D
N
O
C
T
S
E
TN
I
MP
Y
TX
A
MS
T
I
N
U
I
C
C
t
n
e
r
r
u
C
y
l
p
p
u
S
2
.
45
.
6A
m
N
O
I
T
C
E
S
L
O
R
T
N
O
C
Y
E
K
V
L
I
l
e
v
e
L
w
o
L
e
g
a
t
l
o
V
t
u
p
n
I1
e
t
o
N3
.
0
-8
.
0
+V
V
H
I
l
e
v
e
L
h
g
i
H
e
g
a
t
l
o
V
t
u
p
n
I8
.
1V
C
C
3
.
0
+V
I
Y
E
K
O
t
n
e
r
r
u
C
t
u
p
t
u
OD
N
G
o
T0
3A
µ
I
Y
E
K
I
t
n
e
r
r
u
C
w
o
l
f
n
IV
m
o
r
F
C
C
0
3A
µ
N
O
I
T
C
E
S
H
C
T
I
W
S
G
O
L
A
N
A
D
H
Tn
o
i
t
r
o
t
s
i
D
c
i
n
o
m
r
a
H
l
a
t
o
TV
N
I
z
H
k
1
=
f
,
s
m
r
V
1
=4
0
0
.
08
0
0
.
0%
N
L
e
s
i
o
N
l
a
u
d
i
s
e
R2
e
t
o
N0
1s
m
r
V
µ
O
S
In
o
i
t
a
l
o
s
I
V
N
I
,
z
H
k
0
1
=
F
,
s
m
r
V
1
=
3
e
t
o
N
5
7
-B
d
P
E
Sn
o
i
t
a
r
a
p
e
S
V
N
I
,
z
H
k
0
1
=
f
,
s
m
r
V
1
=
3
e
t
o
N
0
8
-B
d
N
Y
Dl
e
v
e
L
l
a
n
g
i
S
t
u
p
n
I
m
u
m
i
x
a
M%
1
.
0
=
D
H
T
,
z
H
k
1
=
f0
.
2s
m
r
V
A
V
Gn
i
a
G
e
g
a
t
l
o
Vz
H
k
0
2
~
=
f0
B
d
V
t
n
e
c
l
a
n
i
m
r
e
T
t
u
p
t
u
O
-
t
u
p
n
I
e
g
a
t
l
o
V
V
C
C
t
u
p
t
u
o
2
/8
.
30
.
42
.
4V
∆V
t
n
e
c
e
g
a
t
l
o
V
l
a
n
i
m
r
e
T
t
u
p
t
u
O
e
c
n
e
r
e
f
f
i
D
l
e
n
n
a
h
c
e
m
a
s
n
e
e
w
t
e
B3
3
1V
m
R
N
I
e
c
n
a
t
s
i
s
e
R
s
a
i
B
t
u
p
n
I
5
6k
Ω
Z
T
U
O
e
c
n
a
d
e
p
m
I
t
u
p
t
u
Oe
c
n
a
d
e
p
m
I
C
D0
2
Ω
ABSOLUTE MAXIMUM RATINGS
TK15321M ELECTRICAL CHARACTERISTICS
Test conditions: V
CC = 8.0 V, TA = 25 °C, unless otherwise specified.
Supply Voltage ......................................................... 15 V
Power Dissipation (Note 4) ................................ 350 mW
Storage Temperature Range ................... -55 to +150
°C
Operating Temperature Range ................... -20 to +75
°C
CONTROL SECTION
Input Voltage .................................... -0.3 V to V
CC +0.3 V
ANALOG SWITCH SECTION
Signal Input Voltage ......................... -0.3 V to V
CC +0.3 V
Signal Output Current ............................................. 3 mA
Operating Voltage Range ................................. 3 to 14 V
Maximum Input Frequency .................................. 100 kHz
Logic
Input Key
Note 1: The KEY input equivalent circuit is shown to the right.
1 channel and 2 channel is the separate action by 1Key pin and
2 key pin. When the control pin is open, it is outputted high level (about 1.4 V). Then the A channel input
signal is outputted. The change is carried out at low level.
Note 2: The specification means a value as measurement-input terminal connects to ground through a capacitor.
Note 3: ISO is a cross talk between A channel and B channel, SEP is a cross talk between 1 channel and 2
channel. The specification means a value as measurement-input termianl connects to ground through 10
k
Ω resistor and capacitor.
Note 4: Power dissipation is 350 mW when mounted as recommended. Derate at 3.0 mW/
°C for operation above
25
°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com