Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TK15321 Datasheet(PDF) 6 Page - TOKO, Inc

Part # TK15321
Description  Audio Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK15321 Datasheet(HTML) 6 Page - TOKO, Inc

Back Button TK15321 Datasheet HTML 2Page - TOKO, Inc TK15321 Datasheet HTML 3Page - TOKO, Inc TK15321 Datasheet HTML 4Page - TOKO, Inc TK15321 Datasheet HTML 5Page - TOKO, Inc TK15321 Datasheet HTML 6Page - TOKO, Inc TK15321 Datasheet HTML 7Page - TOKO, Inc TK15321 Datasheet HTML 8Page - TOKO, Inc TK15321 Datasheet HTML 9Page - TOKO, Inc TK15321 Datasheet HTML 10Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Page 6
May 1999 TOKO, Inc.
TK15321
ISOLATION (FIGURE 8)
This is the cross talk between Ach and Bch.
1) Pin 5 is in the open condition, or high level.
2) Connect AC volt meters to Pin 2 and Pin 3.
3) Connect a capacitor and a resistance in series to GND
from Pin 4.
4) Input a sine wave (10 kHz, 1 Vrms) to Pin 2.
5) Measure the level of Pin 2 and name this V3.
6) Measure the level of Pin 3 and name this V4.
7) Calculate:
ISO = 20 Log (V4 / V3)
This value is the isolation to Ach from Bch.
8) Next, connect Pin 5 to the GND, or low level.
9) Change line of Pin 2 and Pin 4.
10) Input the same sine wave to Pin 4.
11) Measure and calculate in the same way.
This value is the isolation to Bch from Ach.
TEST CIRCUITS AND METHODS (CONT.)
VCC
Cont.
+
+
Figure 7
SEPARATION (FIGURE 9)
This is the cross talk between 1ch and 2ch.
1) Control level is free for Pin 5 and Pin 8.
2) Connect AC volt meters to Pin 4 (or Pin 2) and Pin 10.
3) Connect Pin 9 and Pin 11 to GND through capacitors
and a resistance.
4) Input a sine wave (10 kHz, 1 Vrms) to Pin 2 and Pin 4.
5) Measure the level of Pin 4 and name this V5.
6) Measure the level of Pin 10 and name this V6.
7) Calculate:
SEP = 20 Log (V6 / V5)
This value is the separation to 2ch from 1ch.
VCC
Cont.
+
+
+
10 K
Figure 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com