Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TK15321 Datasheet(PDF) 10 Page - TOKO, Inc

Part # TK15321
Description  Audio Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK15321 Datasheet(HTML) 10 Page - TOKO, Inc

Back Button TK15321 Datasheet HTML 4Page - TOKO, Inc TK15321 Datasheet HTML 5Page - TOKO, Inc TK15321 Datasheet HTML 6Page - TOKO, Inc TK15321 Datasheet HTML 7Page - TOKO, Inc TK15321 Datasheet HTML 8Page - TOKO, Inc TK15321 Datasheet HTML 9Page - TOKO, Inc TK15321 Datasheet HTML 10Page - TOKO, Inc TK15321 Datasheet HTML 11Page - TOKO, Inc TK15321 Datasheet HTML 12Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Page 10
May 1999 TOKO, Inc.
TK15321
APPLICATION INFORMATION
Figure 11
Figure 12
Figure 13
Figure 14
KEY INPUT CIRCUIT
1ch and 2ch is separate action by each control keys. Figure
11 is an equivalence circuit of key input. When terminal of
key is the open, is outputting high level (about 1.4 V), and
then Ach input signal is outputted. The channel at TK15321M
can be changed by low level. When a control terminal was
operated to low function, sometimes it may flow out
maximum values about 30
µA as current from the terminal.
For this reason, please use a resistance which does not
exceed 0.8 V when attaching a resistance to the outside
and making a low condition.
SWITCHING TIME
This time is the signal change response time compared to
the control key input signal. Figure 12 illustrates the timimg
chart. T = 2
µs typically.
APPLICATION
Figure 13 illustrates an example of a typical application.
The standard application is to use capacitor coupling at the
inputs and output of the TK15321M. For characteristics of
distortion and dynamic range versus R
L, refer to the graphs
in the Typical Performance Characteristics. The TK15321M
can also be used with direct coupling, but the characteris-
tics will get worse (distortion, etc.). If direct coupling is
desired, then it is recommended to use external circuitry
that is biased compatible with the TK15321M. Input of the
TK15321M is the open base type.
CROSS TALK (ISOLATION AND SEPARATION)
Figure 14 is an example of a layout pattern.
In the
application of the TK15321M, the following must be
considered. Because of the high impedance at the inputs,
the capacitors can act as antennas to each other. If the
parts are bigger, and the space between the capacitors is
too narrow, then cross talk will increase. Therefore, when
designing the printed circuit pattern, separate the input
capacitors as far as possible and use as small a part as
possible (e.g., surface mount types, etc.).
Key in
to Logic
i
Key in
Bch (Ach)
SW out
50%
Ach (Bch)
t
1OUT
1BIN
VCC
GND
2BIN
2OUT
1AIN
1KEY
2KEY
2AIN
+
+
10 µF
RL
10 µF
1Bin
11
10
9
8
7
+
10 µF
+
2 Bin
1Key
2Key
10 µF
+
RL
10 µF
+
10 µF
+
33 µF
1Ain
2Ain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com