Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

110C2-433A Datasheet(PDF) 3 Page - rfsolutions.ltd

Part # 110C2-433A
Description  KEELOQ REMOTE CONTROL SYSTEMS, 12 / 24Vdc,
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

110C2-433A Datasheet(HTML) 3 Page - rfsolutions.ltd

  110C2-433A Datasheet HTML 1Page - rfsolutions.ltd 110C2-433A Datasheet HTML 2Page - rfsolutions.ltd 110C2-433A Datasheet HTML 3Page - rfsolutions.ltd 110C2-433A Datasheet HTML 4Page - rfsolutions.ltd 110C2-433A Datasheet HTML 5Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DS118-5
Oct. 07
©
2006 REG No 277 4001, ENGLAND.
Page 3
118, 128,
10208
KEELOQ REMOTE CONTROL SYSTEMS, 12 / 24Vdc,
315MHz Products
AM Remote Control Systems
Part Number
Description
Transmitter Type
Freq
(MHz)
Range**
(Metres)
118C1-315A
AM RC System 1 ch 12/24Vdc
Pocket Keyfob
315
100
118C3-315A
AM RC System 3 ch 12/24Vdc
Pocket Keyfob
315
100
Additional AM Transmitter Keyfobs
Part Number
Description
Freq
(MHz)
Range**
(Metres)
110C1-315A
Transmitter Keyfob 1 switch (FCC Compliant)
315
100
110C2-315A
Transmitter Keyfob 2 switch (FCC Compliant)
315
100
110C3-315A
Transmitter Keyfob 3 switch (FCC Compliant)
315
100
FM Remote Control Systems
Part Number
Transmitter Type
Transmitter Type
Freq
(MHz)
Range**
(Metres)
10208S1-315F
FM RC System 1 ch 12/24Vdc
Handheld
315
150
10208S4-315F
FM RC System 4 ch 12/24Vdc
Handheld
315
150
Additional FM Transmitters
Part Number
Description
Freq
(MHz)
Range**
(Metres)
102C1-315F
FM Transmitter encoder 1 switch
315
150
102C2-315F
FM Transmitter encoder 2 switch
315
150
102C4-315F
FM Transmitter encoder 4 switch
315
150
** Range stated is optimum, direct line of sight. In worst conditions this can be reduced by over 50%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com