Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

110C2-433A Datasheet(PDF) 4 Page - rfsolutions.ltd

Part # 110C2-433A
Description  KEELOQ REMOTE CONTROL SYSTEMS, 12 / 24Vdc,
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

110C2-433A Datasheet(HTML) 4 Page - rfsolutions.ltd

  110C2-433A Datasheet HTML 1Page - rfsolutions.ltd 110C2-433A Datasheet HTML 2Page - rfsolutions.ltd 110C2-433A Datasheet HTML 3Page - rfsolutions.ltd 110C2-433A Datasheet HTML 4Page - rfsolutions.ltd 110C2-433A Datasheet HTML 5Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DS118-5
Oct. 07
©
2006 REG No 277 4001, ENGLAND.
Page 4
118, 128,
10208
KEELOQ REMOTE CONTROL SYSTEMS, 12 / 24Vdc,
Data Outputs
Each output relay provides an isolated switch. Connections are Common (COM), Normally Open (NO) and
Normally Closed (NC).
The jumper links (J1, J2) configure the outputs to be momentary of latching.
The jumper links are made / removed by a small link ‘cap’ placed over the pin header.
118 Receiver Outputs
Link 1 (LK1)
Link 2 (LK2)
O/P 1
O/P2
O/P3
Open
Open
Latch
Latch
Latch
Open
Connected
Mom
Mom
Mom
Connected
Open
Mom
Mom
Latch
Connected
Connected
Latch
Latch
Mom
008 Receiver Outputs
Link 1
Link 2
Relay 1
Relay 2
Relay 3
Relay 4
Open
Open
Momentary
Momentary
Momentary
Momentary
Open
Connected
Momentary
Momentary
Latch
Latch
Connected
Open
Momentary
Latch
Latch
Latch
Connected
Connected
Latch
Latch
Latch
Latch
Combining Transmitters to receivers
Each transmitter has a unique identity, (one of 16 billion possible numbers), the identity number is encrypted
and transmitted as a random number that changes on each press of the switch. (the same number is never
repeated!). Each receiver can learn the identity of upto 50 unique transmitters.
Note : the same transmitter may be taught to any number of receivers to create ‘master keys’.
Learning a New Transmitter Keyfob Switch
1. Press the learn switch (SW1), the accept LED will illuminate.
2. Press the transmitter once, accept LED will extinguish.
3. Press the transmitter again, the accept LED will flash.
4. Wait for the accept LED to stop flashing.
5. This transmitter will now operate the system.
The system can learn upto 50 unique transmitter keyfobs
Erasing Existing Transmitters
1. To completely erase the Tx encoders, press SW1 on the Rx decoder for 10 seconds.
2. The learn LED will turn off after the 10 seconds to indicate the Tx encoder(s) have been erased
NOTE: You cannot erase individual Tx encoders
Relay Connections when
Transmitter NOT Operating
Relay Connections when
Transmitter OPERATING



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com