Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

110C2-433A Datasheet(PDF) 1 Page - rfsolutions.ltd

Part # 110C2-433A
Description  KEELOQ REMOTE CONTROL SYSTEMS, 12 / 24Vdc,
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

110C2-433A Datasheet(HTML) 1 Page - rfsolutions.ltd

  110C2-433A Datasheet HTML 1Page - rfsolutions.ltd 110C2-433A Datasheet HTML 2Page - rfsolutions.ltd 110C2-433A Datasheet HTML 3Page - rfsolutions.ltd 110C2-433A Datasheet HTML 4Page - rfsolutions.ltd 110C2-433A Datasheet HTML 5Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DS118-5
Oct. 07
©
2006 REG No 277 4001, ENGLAND.
Page 1
118, 128,
10208
KEELOQ REMOTE CONTROL SYSTEMS, 12 / 24Vdc,
Description
A Range of ‘ready to operate’ remote control systems
supplied as either AM or FM and contain a transmitter
and receiver decoder pair.
Installation simply requires connections to power
supply
and the output relay screw terminals. The
output relays are activated by the key press on the
transmitter encoder.
The system utilises the Microchip Keeloq protocol,
ensuring high security and reliability.
The decoder has the capacity to learn up to 50 unique
transmitters. These are memorised even if the power
is removed.
The decoder is supplied in an IP65 rated enclosure
with Cable Gland and wall mounting lugs supplied
• Complete Remote Control System
• 1 – 4 Channel Remote Control Systems
• 12 or 24Vdc Supply
• AM / FM Remote Receiver Decoder
• High Security
Protocol
• ‘Easy Learn’ Tx Encoder Feature
• Easy Installation via Screw Terminals.
• Up to 50 Transmitters per System
• 315 / 433 / 868 / 915 MHz Available
• Up to 4 Relay Outputs 12Apk @ 230Vac
• Momentary or Latching Outputs
• IP65 Rated Enclosure (Wall Mounting Lugs
Supplied)
• Requires No Radio Licence
• 315MHz FCC Compliant for use in USA
• Range
AM upto 100metres
FM upto 200metres
FMNB upto 1000metres


Similar Part No. - 110C2-433A

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
110C2-433A RFSOLUTIONS-110C2-433A Datasheet
81Kb / 3P
AM / FM RADIO TRANSMITTER KEYFOBS
110C2-433A RFSOLUTIONS-110C2-433A Datasheet
75Kb / 5P
KEELOQ REMOTE CONTROL SYSTEMS, 230Vac
110C2-433A RFSOLUTIONS-110C2-433A Datasheet
1Mb / 5P
AM / FM RADIO TRANSMITTER KEYFOBS
More results

Similar Description - 110C2-433A

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
ILMS5360 INTEGRAL-ILMS5360 Datasheet
283Kb / 4P
MICROCIRCUIT FOR REMOTE CONTROL SYSTEMS
ILMS5380 INTEGRAL-ILMS5380 Datasheet
286Kb / 4P
MICROCIRCUIT FOR REMOTE CONTROL SYSTEMS
logo
List of Unclassifed Man...
118C1AR5 ETC2-118C1AR5 Datasheet
53Kb / 3P
118 SERIES AM REMOTE CONTROL SYSTEMS.
logo
rfsolutions.ltd
119S1-433A RFSOLUTIONS-119S1-433A Datasheet
75Kb / 5P
KEELOQ REMOTE CONTROL SYSTEMS, 230Vac
FIREFLY-S1 RFSOLUTIONS-FIREFLY-S1 Datasheet
1Mb / 6P
RADIO REMOTE CONTROL SYSTEMS
logo
RF Micro Devices
VIPER-S1 RFMD-VIPER-S1 Datasheet
1Mb / 6P
VIPER Remote Control Systems
logo
rfsolutions.ltd
ELITE-L RFSOLUTIONS-ELITE-L Datasheet
3Mb / 9P
Professional Remote Control Systems
ESPRIT RFSOLUTIONS-ESPRIT Datasheet
3Mb / 8P
Professional Remote Control Systems
TRAP RFSOLUTIONS-TRAP Datasheet
3Mb / 8P
TRAP Remote Control Systems
VIPER RFSOLUTIONS-VIPER Datasheet
2Mb / 7P
VIPER Remote Control Systems
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com