Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRO-BLADE8 Datasheet(PDF) 2 Page - rfsolutions.ltd

Part # PRO-BLADE8
Description  Professional Radio Control
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

PRO-BLADE8 Datasheet(HTML) 2 Page - rfsolutions.ltd

  PRO-BLADE8 Datasheet HTML 1Page - rfsolutions.ltd PRO-BLADE8 Datasheet HTML 2Page - rfsolutions.ltd PRO-BLADE8 Datasheet HTML 3Page - rfsolutions.ltd PRO-BLADE8 Datasheet HTML 4Page - rfsolutions.ltd PRO-BLADE8 Datasheet HTML 5Page - rfsolutions.ltd PRO-BLADE8 Datasheet HTML 6Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DS-PROBLADE-1 Oct ’07
©2007 RF Solutions Ltd, www.rfsolutions.co.uk
Page 2
PRO
Professional Radio Control
Blade
Custom systems
We regularly supply pre-wired / bespoke systems; please contact our sales department for further assistance
Receiver Unit
The receiver consists of interchangeable modules which are connected via ribbon cables. (as shown below)
Antenna
The Antenna is held internally, this is to save drilling the enclosure on the top. This may have some effect to
the range for specific applications which may require the antenna externally mounted. At all times please
ensure that the antenna is pointing in a vertical direction and away from high interference sources.
PRO-BLADE – 8 CHANNEL RECEIVER
Ordering Information
Part Number
Description
Range**
(Metres)
Freq
(MHz)
Relay Outputs
(each @230Vac)
PRO-BLADE8
8 channel Remote Control System
500
434.525
8 x 12A
** Range stated is optimum, direct line of sight. In worst conditions this can be reduced significantly
Information contained in this document is believed to be accurate, however no representation or warranty is given and R.F. Solutions Ltd. assumes no liability with respect to the accuracy of such information.
Use of R.F.Solutions as critical components in life support systems is not authorised except with express written approval from R.F.Solutions Ltd.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com