Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRO-BLADE8 Datasheet(PDF) 5 Page - rfsolutions.ltd

Part # PRO-BLADE8
Description  Professional Radio Control
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

PRO-BLADE8 Datasheet(HTML) 5 Page - rfsolutions.ltd

  PRO-BLADE8 Datasheet HTML 1Page - rfsolutions.ltd PRO-BLADE8 Datasheet HTML 2Page - rfsolutions.ltd PRO-BLADE8 Datasheet HTML 3Page - rfsolutions.ltd PRO-BLADE8 Datasheet HTML 4Page - rfsolutions.ltd PRO-BLADE8 Datasheet HTML 5Page - rfsolutions.ltd PRO-BLADE8 Datasheet HTML 6Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DS-PROBLADE-1 Oct ’07
©2007 RF Solutions Ltd, www.rfsolutions.co.uk
Page 5
PRO
Professional Radio Control
Blade
Relay Connections when
Transmitter NOT Operating
Relay Connections when
Transmitter OPERATING
1.5 Connecting output Modules to the 210 Receiver
The receiver has 16 outputs. These are connected to the relay output module via a ribbon cable.
The outputs are presented according to the following table.
1.6 Relay Outputs
Each output relay provides an isolated switch. Connections are Common (COM), Normally Open (NO),
Normally Closed (NC).
2 Antenna and Range
2.1 Antenna
The system includes an antenna. It is situated within the enclosure (to save penetrating the enclosure)
If the range is inadequate then it may be necessary to mount the antenna protruding from the enclosure. This
may be easily fitted using the provided panel mount BNC socket. The antenna cable may be extended however
please note that typically there is a 50% range reduction with every 3metres of coax cable used!
For increasing range performance a +3dB gain antenna is available. This is supplied with wall mounting bracket
and 2metres of coax cable, it plugs in directly to the BNC connector.
2.2 Range
The antenna choice and position directly controls the system range. Keep it clear of other metal in the system.
The best position is protruding from the top of the product. This is often not desirable for practical or ergonomic
reasons and thus a compromise may be needed. If an internal antenna must be used then try to keep it away
from other metal items, and in particular large ones like transformers, batteries and PCB tracks and earth
planes.
Note that the space around the antenna is as important as the antenna itself. All radio systems are dependant
on a radio signal being received through airspace.
The range quoted is the optimal in direct line of sight without obstacles and in good atmospheric conditions.
2.3 Signal integrity
In systems where many encoders are in close proximity there may be occasions when, due to signal overlay
between encoders, it is difficult or impossible to guarantee system integrity. In such circumstances it is the
responsibility of the installer to ensure that the system performance is adequate for the purposes of the
installation.
210 receiver
Connector
O/P Channels
1
1 - 4
2
5 – 8
3
9 – 12
4
13 – 16



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com