Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRO-BLADE8 Datasheet(PDF) 6 Page - rfsolutions.ltd

Part # PRO-BLADE8
Description  Professional Radio Control
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

PRO-BLADE8 Datasheet(HTML) 6 Page - rfsolutions.ltd

  PRO-BLADE8 Datasheet HTML 1Page - rfsolutions.ltd PRO-BLADE8 Datasheet HTML 2Page - rfsolutions.ltd PRO-BLADE8 Datasheet HTML 3Page - rfsolutions.ltd PRO-BLADE8 Datasheet HTML 4Page - rfsolutions.ltd PRO-BLADE8 Datasheet HTML 5Page - rfsolutions.ltd PRO-BLADE8 Datasheet HTML 6Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DS-PROBLADE-1 Oct ’07
©2007 RF Solutions Ltd, www.rfsolutions.co.uk
Page 6
PRO
Professional Radio Control
Blade
Technical Specifications
Transmitter
FireBlade
Dimensions
90 x 54 x 27mm
Battery
CR2032 Lithium Cell
Receiver Unit
Dimensions
315 x 235 x 130mm
Insulation class II
Sealed hinged lid screws
DIN Rails mounted on steel plate
Integrated 12Vdc moulded Power Supply
5 Amp Fused terminal block
Material GW PLAST 120 °C
A 12Vdc power supply is incorporated. 12Vdc is presented on a fused terminal block. A Gland is
supplied to enable power to enter the enclosure.
Learning Capacity:
The receiver has the capacity to learn upto 50 units
(Where 1 unit is defined as a button on a transmitter)
Dimensions
External
315 x 235 x 130mm
Internal
300 x 220 x 120mm
DIN Rail length 1
285mm
DIN Rail length 2
180mm
Technical Specifications
Input Voltage
110-240Vac
Output Voltage
12Vdc +/-5%
Output Current
1A
Output Polarity:
White Dashed Wire =+12V
Storage Temperature: -10 to +70
o Celsius.
Operating Temperature: 0 to +55
o Celsius.
Electrical Characteristics
Min
Typical
Max
Units
Supply Voltage: 12V Supply
10
12
16
V
Supply Voltage: 24V Supply
21
24
30
V
Supply Current : Quiescent
25
mA
Time from Tx Switch depressed to 210Rx output
100
mS
Time from Tx Switch release to Decoder output
200
mS
Switched output Voltage (I out = 1mA)
Logic Low
Logic High
0
3.5
0.2
3.8
0.8
5
V
V
R. F. Solutions Ltd.,
Unit 21, Cliffe Industrial Estate, South Street, Lewes,
E. Sussex, BN8 6JL, England
Tel +44 (0)1273 898 000
Fax +44 (0)1273 480 661
Email sales@rfsolutions.co.uk
http://www.rfsolutions.co.uk
RF Solutions is a member of the Low Power Radio Association



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com