Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TK71529ASCL/29 Datasheet(PDF) 12 Page - TOKO, Inc

Part # TK71529ASCL/29
Description  LOW DROPOUT VOLTAGE REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK71529ASCL/29 Datasheet(HTML) 12 Page - TOKO, Inc

Back Button TK71529ASCL/29 Datasheet HTML 7Page - TOKO, Inc TK71529ASCL/29 Datasheet HTML 8Page - TOKO, Inc TK71529ASCL/29 Datasheet HTML 9Page - TOKO, Inc TK71529ASCL/29 Datasheet HTML 10Page - TOKO, Inc TK71529ASCL/29 Datasheet HTML 11Page - TOKO, Inc TK71529ASCL/29 Datasheet HTML 12Page - TOKO, Inc TK71529ASCL/29 Datasheet HTML 13Page - TOKO, Inc TK71529ASCL/29 Datasheet HTML 14Page - TOKO, Inc TK71529ASCL/29 Datasheet HTML 15Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Page 12
March 2001 TOKO, Inc.
TK715xxAS
In general, a ceramic capacitor has a voltage and temperature dependence. Parts should be selected with consideration
of the voltage and temperature used. The “B” characteristic curves are recommended.
APPLICATION INFORMATION (CONT)
VOLTAGE DEPENDENCY
100
90
80
70
60
50
40
0
2
4
6
8
10
F CURVE
B CURVE
BIAS V (V)
TEMPERATURE DEPENDENCY
100
90
80
70
60
50
-50
-25
0
25
50
75
100
F CURVE
B CURVE
TA (°C)
R(*) MAG -17.98 dB
10 dB/
-50.00 dB
B(*) B
-41.05 dB
10 dB/
-50.00 dB
START: 100 Hz
STOP: 1 MHz
OUT (B): -20.00 dBm ST: AUTO x1
1 M
Ω
IRG: 26 dBm
RBW: 30 kHZ
VBW: 38 kHz
FILTER
RIN = 27 Ω CIN = 47 µF
R(*) MAG -57.78 dB
10 dB/
-50.00 dB
B(*) B
-41.05 dB
10 dB/
-50.00 dB
START: 100 Hz
STOP: 1 MHz
OUT (B): -20.00 dBm ST: AUTO x1
1 M
Ω
IRG: 26 dBm
RBW: 30 kHZ
VBW: 38 kHz
FILTER + TK71533
RIN = 27 Ω CIN = 47 µF CL = 10 µF
TK71533



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com