Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TK71529ASCL/29 Datasheet(PDF) 9 Page - TOKO, Inc

Part # TK71529ASCL/29
Description  LOW DROPOUT VOLTAGE REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK71529ASCL/29 Datasheet(HTML) 9 Page - TOKO, Inc

Back Button TK71529ASCL/29 Datasheet HTML 5Page - TOKO, Inc TK71529ASCL/29 Datasheet HTML 6Page - TOKO, Inc TK71529ASCL/29 Datasheet HTML 7Page - TOKO, Inc TK71529ASCL/29 Datasheet HTML 8Page - TOKO, Inc TK71529ASCL/29 Datasheet HTML 9Page - TOKO, Inc TK71529ASCL/29 Datasheet HTML 10Page - TOKO, Inc TK71529ASCL/29 Datasheet HTML 11Page - TOKO, Inc TK71529ASCL/29 Datasheet HTML 12Page - TOKO, Inc TK71529ASCL/29 Datasheet HTML 13Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
March 2001 TOKO, Inc.
Page 9
TK715xxAS
DEFINITION AND EXPLANATION OF TECHNICAL TERMS (CONT.)
determine the power dissipation for shutdown when
mounted, attach the device on the actual PCB and delib-
erately increase the output current (or raise the input
voltage) until the thermal protection circuit is activated.
Calculate the power dissipation of the device by subtract-
ing the output power from the input power. These mea-
surements should allow for the ambient temperature of the
PCB. The value obtained from P
D /(150 °C - TA) is the
derating factor. The PCB mounting pad should provide
maximum thermal conductivity in order to maintain low
device temperatures. As a general rule, the lower the
temperature, the better the reliability of the device. The
thermal resistance when mounted is expressed as follows:
T
j = 0jA x PD + TA
For Toko ICs, the internal limit for junction temperature is
150 °C. If the ambient temperature (T
A) is 25 °C, then:
150 °C = 0
jA x PD + 25 °C
0
jA = 125 °C/ PD
P
D is the value when the thermal sensor is activated. A
simple way to determine P
D is to calculate VIN x IIN when
the output side is shorted. Input current gradually falls as
temperature rises. You should use the value when thermal
equilibrium is reached.
The range of usable currents can also be found from the
graph below.
Procedure:
1)
Find P
D
2)
P
D1 is taken to be PD x (~ 0.8 - 0.9)
3)
Plot P
D1 against 25 °C
4)
Connect P
D1 to the point corresponding to the 150
°C with a straight line.
5)
In design, take a vertical line from the maximum
operating temperature (e.g., 75 °C) to the derating curve.
6)
Read off the value of P
D against the point at which
the vertical line intersects the derating curve. This is taken
as the maximum power dissipation, D
PD.
The maximum operating current is:
I
OUT = (DPD / (VIN(MAX) - VOUT)
SOT23-3 POWER DISSIPATION CURVE
PD
DPD
25
50
75
150
(mW)
TA (°C)
3
6
5
4
0
50
100
150
TA (°C)
0
300
500
100
200
400
MOUNTED AS SHOWN
FREE AIR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com