Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TK71529ASCL/29 Datasheet(PDF) 4 Page - TOKO, Inc

Part # TK71529ASCL/29
Description  LOW DROPOUT VOLTAGE REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK71529ASCL/29 Datasheet(HTML) 4 Page - TOKO, Inc

  TK71529ASCL/29 Datasheet HTML 1Page - TOKO, Inc TK71529ASCL/29 Datasheet HTML 2Page - TOKO, Inc TK71529ASCL/29 Datasheet HTML 3Page - TOKO, Inc TK71529ASCL/29 Datasheet HTML 4Page - TOKO, Inc TK71529ASCL/29 Datasheet HTML 5Page - TOKO, Inc TK71529ASCL/29 Datasheet HTML 6Page - TOKO, Inc TK71529ASCL/29 Datasheet HTML 7Page - TOKO, Inc TK71529ASCL/29 Datasheet HTML 8Page - TOKO, Inc TK71529ASCL/29 Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Page 4
March 2001 TOKO, Inc.
TK715xxAS
TK715xxAS ELECTRICAL CHARACTERISTICS TABLE 1
Output
Voltage
V
OUT(MIN)
V
OUT(MAX)
Test
Voltage
Code
Voltage
1.5 V
15
1.440 V
1.560 V
2.5 V
1.6 V
16
1.540 V
1.660 V
2.6 V
1.7 V
17
1.640 V
1.760 V
2.7 V
1.8 V
18
1.740 V
1.860 V
2.8 V
1.9 V
19
1.840 V
1.960 V
2.9 V
2.0 V
20
1.940 V
2.060 V
3.0 V
2.1 V
21
2.040 V
2.160 V
3.1 V
2.2 V
22
2.140 V
2.260 V
3.2 V
2.3 V
23
2.240 V
2.360 V
3.3 V
2.4 V
24
2.340 V
2.460 V
3.4 V
2.5 V
25
2.440 V
2.560 V
3.5 V
2.6 V
26
2.540 V
2.660 V
3.6 V
2.7 V
27
2.640 V
2.760 V
3.7 V
2.8 V
28
2.740 V
2.860 V
3.8 V
2.9 V
29
2.840 V
2.960 V
3.9 V
3.0 V
30
2.940 V
3.060 V
4.0 V
3.1 V
31
3.040 V
3.160 V
4.1 V
3.2 V
32
3.140 V
3.260 V
4.2 V
3.3 V
33
3.240 V
3.360 V
4.3 V
3.4 V
34
3.340 V
3.460 V
4.4 V
Output
Voltage
V
OUT(MIN)
V
OUT(MAX)
Test
Voltage
Code
Voltage
3.5 V
35
3.440 V
3.560 V
4.5 V
3.6 V
36
3.530 V
3.670 V
4.6 V
3.7 V
37
3.630 V
3.770 V
4.7 V
3.8 V
38
3.730 V
3.870 V
4.8 V
3.9 V
39
3.830 V
3.970 V
4.9 V
4.0 V
40
3.930 V
4.070 V
5.0 V
4.1 V
41
4.030 V
4.170 V
5.1 V
4.2 V
42
4.130 V
4.270 V
5.2 V
4.3 V
43
4.230 V
4.370 V
5.3 V
4.4 V
44
4.330 V
4.470 V
5.4 V
4.5 V
45
4.430 V
4.570 V
5.5 V
4.6 V
46
4.530 V
4.670 V
5.6 V
4.7 V
47
4.630 V
4.770 V
5.7 V
4.8 V
48
4.730 V
4.870 V
5.8 V
4.9 V
49
4.830 V
4.970 V
5.9 V
5.0 V
50
4.930 V
5.070 V
6.0 V
6.0 V
60
5.880 V
6.120 V
7.0 V
7.0 V
70
6.860 V
7.140 V
8.0 V
8.0 V
80
7.840 V
8.160 V
9.0 V
9.0 V
90
8.820 V
9.180 V
10.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com