Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9657 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9657
Description  Quad Video (Filter) Amplifiers with Input Sync-Tip Clamps
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9657 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9657 Datasheet HTML 1Page - Maxim Integrated Products MAX9657 Datasheet HTML 2Page - Maxim Integrated Products MAX9657 Datasheet HTML 3Page - Maxim Integrated Products MAX9657 Datasheet HTML 4Page - Maxim Integrated Products MAX9657 Datasheet HTML 5Page - Maxim Integrated Products MAX9657 Datasheet HTML 6Page - Maxim Integrated Products MAX9657 Datasheet HTML 7Page - Maxim Integrated Products MAX9657 Datasheet HTML 8Page - Maxim Integrated Products MAX9657 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Quad Video (Filter) Amplifiers with Input
Sync-Tip Clamps
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = 3.3V, VGND = 0V, VSHDN = VDD, RL = 150Ω to GND, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage
VDD to GND ..........................................................-0.3V to +4V
Input Pins, SHDN .....................................(GND - 0.3V) to +4V
Duration of Output Short Circuit to VDD or GND ........Continuous
Continuous Input Current
Input Pins......................................................................±20mA
Continuous Power Dissipation (TA = +70°C)
16-Pin QSOP (derate 8.3mW/°C above +70°C)...........667mW
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VDD
Guaranteed by power-supply rejection test
2.7
3.3
3.6
V
Quiescent Supply Current
IDD
No load
21
45
mA
Shutdown Supply Current
ISHDN
SHDN = GND
35
70
µA
Sync-Tip Clamp Level
VCLP
0.23
0.3
0.39
V
2.7V
≤ VDD ≤
3.6V
1.05
Input Voltage Range
Guaranteed by output-
voltage swing
3.0V
≤ VDD ≤
3.6V
1.2
VP-P
Sync Crush
Sync-tip clamp; percentage reduction in
sync pulse (0.3VP-P); guaranteed by input
clamping current measurement
2%
Input Clamping Current
12
µA
Maximum Input Source
Resistance
300
Ω
VDD = 2.7V,
0V
≤ VIN ≤ 1.05V
1.96
2
2.04
DC Voltage Gain (Note 2)
AV
RL = 150
Ω to GND
(Note 2)
VDD = 3V,
0V
≤ VIN ≤ 1.2V
1.96
2
2.04
V/V
DC Gain Mismatch
Guaranteed by DC voltage gain
-2
+2
%
Output Level
Measured at VOUT, CIN_ = 0.1µF to GND
0.218
0.3
0.39
V
Measured at output, VDD = 2.7V, VIN =
VCLP to (VCLP +1.05V), RL = 150
Ω to -0.2V
2.1
Measured at output, VDD = 2.7V, VIN =
VCLP to (VCLP +1.05V), RL = 150
Ω to VDD/2
2.1
Measured at output, VDD = 3.0V, VIN =
VCLP to (VCLP +1.2V), RL = 150
Ω to -0.2V
2.4
Measured at output, VDD = 3.0V, VIN =
VCLP to (VCLP +1.2V), RL = 150
Ω to VDD/2
2.4
Output-Voltage Swing
Measured at output, VDD = 3.135V, VIN =
VCLP to (VCLP +1.05V), RL = 75
Ω to -0.2V
2.1
VP-P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com