Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9657 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9657
Description  Quad Video (Filter) Amplifiers with Input Sync-Tip Clamps
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9657 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9657 Datasheet HTML 1Page - Maxim Integrated Products MAX9657 Datasheet HTML 2Page - Maxim Integrated Products MAX9657 Datasheet HTML 3Page - Maxim Integrated Products MAX9657 Datasheet HTML 4Page - Maxim Integrated Products MAX9657 Datasheet HTML 5Page - Maxim Integrated Products MAX9657 Datasheet HTML 6Page - Maxim Integrated Products MAX9657 Datasheet HTML 7Page - Maxim Integrated Products MAX9657 Datasheet HTML 8Page - Maxim Integrated Products MAX9657 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SMALL-SIGNAL GAIN
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
-50
100k
100M
VIN = 50mVP-P
NOTE: GAIN IS NORMALIZED TO 0dB
SMALL-SIGNAL GAIN FLATNESS
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
-6
-5
-4
-3
-2
-1
0
1
2
3
-7
100k
100M
VIN = 50mVP-P
NOTE: GAIN IS NORMALIZED TO 0dB
LARGE-SIGNAL GAIN
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
-50
100k
100M
VIN = 1VP-P
NOTE: GAIN IS NORMALIZED TO 0dB
LARGE-SIGNAL GAIN FLATNESS
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
-6
-5
-4
-3
-2
-1
0
1
2
3
-7
100k
100M
VIN = 1VP-P
NOTE: GAIN IS NORMALIZED TO 0dB
VIDEO CROSSTALK
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
-100
-80
-60
-40
-20
0
-120
100k
100M
ALL-HOSTILE
1 ADJACENT CHANNEL
2 ADJACENT CHANNELS
VIN = 1VP-P
NOTE: GAIN IS NORMALIZED TO 0dB
VIDEO GROUP DELAY DISTORTION
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
5
10
15
20
25
30
35
40
45
50
0
100k
100M
VIN = 1VP-P
NOTE: GAIN IS NORMALIZED TO 0dB
Typical Operating Characteristics (MAX9657)
(VDD = 3.3V, VGND = 0, VSHDN = VDD, RL = 150Ω to GND, TA = +25°C.)
Quad Video (Filter) Amplifiers with Input
Sync-Tip Clamps
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 3.3V, VGND = 0V, VSHDN = VDD, RL = 150Ω to GND, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LOGIC SIGNALS (SHDN)
Logic-Low Threshold
VIL
0.3 x
VDD
V
Logic-High Threshold
VIH
0.7 x
VDD
V
Logic Input Current
IIN
10
µA
Note 1: All devices are 100% production tested at TA = +25°C. Specifications over temperature limits are guaranteed by design.
Note 2: Voltage gain (AV) is a two-point measurement in which the output-voltage swing is divided by the input-voltage swing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com