Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9657 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9657
Description  Quad Video (Filter) Amplifiers with Input Sync-Tip Clamps
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9657 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9657 Datasheet HTML 1Page - Maxim Integrated Products MAX9657 Datasheet HTML 2Page - Maxim Integrated Products MAX9657 Datasheet HTML 3Page - Maxim Integrated Products MAX9657 Datasheet HTML 4Page - Maxim Integrated Products MAX9657 Datasheet HTML 5Page - Maxim Integrated Products MAX9657 Datasheet HTML 6Page - Maxim Integrated Products MAX9657 Datasheet HTML 7Page - Maxim Integrated Products MAX9657 Datasheet HTML 8Page - Maxim Integrated Products MAX9657 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Quad Video (Filter) Amplifiers with Input
Sync-Tip Clamps
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Short to GND (sourcing)
140
Output Short-Circuit Current
Short to VDD (sinking)
70
mA
Output Resistance
ROUT
VOUT = 1.5V, -10mA
≤ ILOAD ≤ +10mA
0.2
Ω
2.7V
≤ VDD ≤ 3.6V
48
64
Power-Supply Rejection Ratio
f = 100kHz, 100mVP-P
20
dB
Small-Signal Bandwidth
VOUT = 100mVP-P (MAX9657 only)
27
MHz
Large-Signal Bandwidth
VOUT = 2VP-P (MAX9657 only)
15
MHz
Slew Rate
MAX9657 only
65
V/µs
Settling Time
Settled to within 0.1% of final value
(MAX9657 only)
75
ns
VOUT = 2VP-P, reference frequency is
100kHz ±1dB passband flatness (MAX9658
only)
9.5
MHz
f = 5.5MHz
0.1
f = 9.5MHz
-1
f = 10MHz
-3
Standard-Definition
Reconstruction Filter
VOUT = 2VP-P, reference
frequency is 100kHz
(MAX9658 only)
f = 27MHz
-47
dB
Differential Gain
DG
5-step modulated staircase of 129mV step
size and 286mV peak-to-peak subcarrier
amplitude, f = 4.43MHz
0.4
%
Differential Phase
DP
5-step modulated staircase of 129mV step
size and 286mV peak-to-peak subcarrier
amplitude, f = 4.43MHz
0.45
deg
Group-Delay Distortion
100kHz
≤ f ≤ 5MHz, outputs are 2VP-P
9ns
Peak Signal to RMS Noise
100kHz
≤ f ≤ 5MHz
71
dB
2T Pulse Response
2T = 200ns
0.2
K%
2T Bar Response
2T = 200ns; bar time is 18µs; the beginning
2.5%, and the ending 2.5% of the bar time
is ignored
0.2
K%
2T Pulse-to-Bar K Rating
2T = 200ns; bar time is 18µs; the beginning
2.5%, and the ending 2.5% of the bar time
is ignored
0.3
K%
Nonlinearity
5-step staircase
0.1
%
Output Impedance
f = 5.5MHz
8.07
Ω
f = 15kHz
-82
All-Hostile Crosstalk
f = 4.43MHz
-78
dB
Output-to-Input Crosstalk
f = 30MHz
-68
dB
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 3.3V, VGND = 0V, VSHDN = VDD, RL = 150Ω to GND, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com