Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2122 Datasheet(PDF) 13 Page - Vicor Corporation

Part # PI2122
Description  12Amp Active ORing Solution With Load Disconnect
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2122 Datasheet(HTML) 13 Page - Vicor Corporation

Back Button PI2122 Datasheet HTML 9Page - Vicor Corporation PI2122 Datasheet HTML 10Page - Vicor Corporation PI2122 Datasheet HTML 11Page - Vicor Corporation PI2122 Datasheet HTML 12Page - Vicor Corporation PI2122 Datasheet HTML 13Page - Vicor Corporation PI2122 Datasheet HTML 14Page - Vicor Corporation PI2122 Datasheet HTML 15Page - Vicor Corporation PI2122 Datasheet HTML 16Page - Vicor Corporation PI2122 Datasheet HTML 17Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Application Information:
The PI2122 is designed to replace ORing diodes
and load disconnect switchs in high current
redundant power architectures.
Replacing a
traditional diode with a PI2122 will result in
significant power dissipation reduction as well as
board space reduction, efficiency improvement,
input power source and output protection plus
additional
protection
features.
This
section
describes in detail the procedure to follow when
designing with the PI2122 Active ORing solution. A
design example is presented for Active ORing with
load disconnect.
Fault Indication:
FT output pin is an open collector and should be
pulled up to the logic voltage or to the controller VC
via a resistor (10KΩ)
Over-Current Timer: OCT
Connect a capacitor, in the range of 1nF to 20nF to
set the off time after over-current shutdown (see
Figure 4).
Short Circuit Detect: SCD
Connect SCD pin to VC to avoid high inrush current
into a capacitive load, or connect SCD to GND pin
for fast turn on. The internal MOSFETs gate drive
current has two levels based on the SCD voltage
level.
Auxiliary Power Supply (Vaux):
Vaux is an independent power source required to
supply power to the VC input. The Vaux voltage
should be 4V higher than Vin (redundant power
source output voltage) to fully enhance the internal
MOSFETs.
A bias resistor (Rbias) is required if the bias supply
(Vaux) is higher than 15V.
Rbias should be
connected between the VC pin and Vaux to limit the
current into the internal shunt regulator.
Minimize the resistor value for low Vaux voltage
levels to avoid a voltage drop that may reduce the
VC voltage lower than required to drive the gate of
the internal MOSFETs.
Select the value of Rbias using the following
equations:
max
min
IC
VC
Vaux
Rbias
clamp
−
=
Rbias maximum power dissipation:
Rbias
VC
Vaux
Pd
clamp
Rbias
2
max
)
(
−
=
Where:
min
Vaux
: Vaux minimum voltage
max
Vaux
: Vaux maximum voltage
Clamp
VC
: Controller clamp voltage, 15.5V
max
IC
: Controller maximum bias current, use
4.2mA
Example: Vaux 20V to 30V
Ω
=
−
=
−
=
K
mA
V
V
IC
VC
Vaux
Rbias
clamp
07
.
1
2
.
4
5
.
15
20
max
min
mW
K
V
V
Rbias
VC
Vaux
Pd
clamp
Rbias
196
07
.
1
)
5
.
15
30
(
)
(
2
2
max
=
Ω
−
=
−
=
Internal N-Channel MOSFET BVdss:
In an application when the MOSFETs are turned off
due to a fault, the series parasitic elements in the
circuit may contribute to the MOSFET being exposed
to a voltage higher than its voltage rating.
It is
critical to follow best layout practice to minimize
parasitic inductance in the PCB layout especially in
the high current path.
In Active ORing applications when one of the input
power sources is shorted, a large reverse current is
sourced from the circuit output through the
MOSFETs. Depending on the output impedance of
the system, the reverse current may reach over 60A
in some conditions before the MOSFET is turned off.
Such high current conditions will store energy even
in a small parasitic element. For example: a 1nH
parasitic inductance with 60A reverse current will
generate 1.8µJ (½Li
2). When the MOSFETs are
turned off, the stored energy will be released and
produce a high negative voltage ringing at D1. At
the same time the energy stored at D2 of the internal
MOSFETs will be released and produce a voltage
higher than the load voltage. This event will create a
high voltage difference between the drain and
source of the MOSFET. To reduce the magnitude of
the ringing voltage, add a ceramic capacitor very
close to D1 that can react to the voltage ringing
frequency and another capacitor close to D2.
Recommended values for the ceramic capacitors are
1µF; refer to C5 and C7 in Figure 24.
Note:
Since the two MOSFETs are connected in to back-
to-back configuration, the maximum breakdown
voltage is BVdss of one MOSFET plus one diode
forward voltage
.
OV and UV resistor selection:
The UV and OV comparator inputs are used to
monitor the input voltage and will indicate a fault
condition when this voltage is out of range. The UV
and OV pins can be configured in two different ways,
either with a divider on each pin, or with a three-
resistor divider to the same node, enabling the
Picor Corporation • picorpower.com
PI2122
Rev1.0
Page 13 of 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com