Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2122 Datasheet(PDF) 2 Page - Vicor Corporation

Part # PI2122
Description  12Amp Active ORing Solution With Load Disconnect
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2122 Datasheet(HTML) 2 Page - Vicor Corporation

  PI2122 Datasheet HTML 1Page - Vicor Corporation PI2122 Datasheet HTML 2Page - Vicor Corporation PI2122 Datasheet HTML 3Page - Vicor Corporation PI2122 Datasheet HTML 4Page - Vicor Corporation PI2122 Datasheet HTML 5Page - Vicor Corporation PI2122 Datasheet HTML 6Page - Vicor Corporation PI2122 Datasheet HTML 7Page - Vicor Corporation PI2122 Datasheet HTML 8Page - Vicor Corporation PI2122 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Picor Corporation • picorpower.com
PI2122
Rev1.0
Page 2 of 19
Pin Description
Pin Number Pin Name
Description
1, 15, 16, 17,
22,23, 24, 25
D2
Drain 2- Drain 2 of the internal Dual N-channel MOSFETs, connect to the output
load.
2, 3, 4, 5,
18,19,20, 21
D1
Drain 1- Drain 1 of the internal Dual N-channel MOSFETs, connect to the input
voltage.
6
SP
Positive Sense Input & Clamp: Connect SP pin to the D1 pin. The polarity and
magnitude of the voltage difference between SP and SN provides an indication of
current flow direction through the MOSFETs.
7
FT
Fault State Output: This open collector output pulls low after the 40usec fault timer
delay when a fault condition occurs. Fault logic inputs are VC Under-Voltage, input
Under-Voltage, input Over-Voltage, Forward Over-Current, Reverse Current, Low
Forward Current (or shorted switches) and Over-Temperature. Leave this pin open
if unused.
8
SCD
Short Circuit Detect Input: This input pin is for setting the load voltage where a
short circuit level is defined and detected. To enable slow MOSFET turn-on mode,
connect SCD to VC. Connect to load point for minimum threshold (0.335V) or use
resistor divider to increase threshold. Grounding pin enables the fast MOSFET turn
on mode.
9
OCT
Over Current Duty Cycle Input: Connecting a capacitor (≤ 20nF) sets the gate off
time once an over-current condition is detected. No capacitor on this pin will result
in minimum off time; 40µs. Pulling this input low will disable Gate drive.
10
VC
Controller Input Bias: Provides power to the controller. Connect a 1μF capacitor
between VC pin and ground. For high voltage applications connect a shunt resistor
between VC and the input supply. Voltage on this pin is regulated to 15.5V in high
voltage applications.
11
GND
Ground: This pin is ground for the control circuitry.
12
OV
Input Over Voltage Input: The OV pin detects when the input is greater than the
Over-Voltage threshold resulting in a low Fault pin. OV “AND” a Forward Current
condition turns the MOSFETs off. The input voltage OV threshold is programmable
through an external resistor divider. Connect OV to GND to disable this function.
13
UV
Input Under Voltage Input: The UV pin detects when the input is less than the
Under-Voltage threshold resulting in a low Fault pin. The input voltage UV
threshold is programmable through an external resistor divider. During an Under-
Voltage fault, the Gate is pulled low. Connect UV to VC to disable this function.
14
SN
Negative Sense Input & Clamp- Connect SN to D2 pin. The polarity and
magnitude of the voltage difference between SP and SN provides an indication of
current flow direction through the MOSFETs.
Package Pin-out
17 Pin LGA (5mm x 7mm)
Top view



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com