Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2122 Datasheet(PDF) 3 Page - Vicor Corporation

Part # PI2122
Description  12Amp Active ORing Solution With Load Disconnect
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2122 Datasheet(HTML) 3 Page - Vicor Corporation

  PI2122 Datasheet HTML 1Page - Vicor Corporation PI2122 Datasheet HTML 2Page - Vicor Corporation PI2122 Datasheet HTML 3Page - Vicor Corporation PI2122 Datasheet HTML 4Page - Vicor Corporation PI2122 Datasheet HTML 5Page - Vicor Corporation PI2122 Datasheet HTML 6Page - Vicor Corporation PI2122 Datasheet HTML 7Page - Vicor Corporation PI2122 Datasheet HTML 8Page - Vicor Corporation PI2122 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Picor Corporation • picorpower.com
PI2122
Rev1.0
Page 3 of 19
Absolute Maximum Ratings
D1 to D2 (VD1-D2), D1 or D2 to GND
7V
Drain current (ID ) continuous
12A,
Drain current (ID ) pulsed (100μs)
60A
Thermal Resistance RθJA
(3)
56
°C/W
VC
-0.3 to 17.3V/40mA
SP, SN, OV, OCT
-0.3 to 8.0V/ 10mA
UV, SCD, FT
-0.3 to 17.3V/ 10mA
GND
-0.3V/ 5A peak
Storage Temperature
-65
oC to 150 oC
Operating Junction Temperature
-40
oC to Thermal shutdown
Lead Temperature (Soldering, 20 sec)
250
oC
ESD Rating (In accordance with JEDEC JESD 51-5)
2kV HBM
Electrical Specifications
Unless otherwise specified: -40
°C < TJ < 125°C, VC =12V, CVc = 1uF, COCT = 2nF
Parameter
Symbol
Min
Typ
Max
Units
Conditions
VC Supply
Operating Supply Range
(4)
VVC-GND
4.5
13.2
V
No VC Limiting Resistors
Quiescent Current
IVC
3.7
4.2
mA
Normal Operating Conditions
No Faults
Clamp Voltage
VVC-CLM
15
15.5
16
V
IVC=10mA
VC Clamp Shunt Resistance
RVC
7.5
Ω
Delta IVC=10mA
VC Under-voltage Rising Threshold
VVCUVR
4.3
4.5
V
VC Under-voltage Falling Threshold
VVCUVF
4.0
4.15
V
VC Under-voltage Hysteresis
VVCUVHS
150
mV
Internal Dual N-Channel MOSFETs
D1 to D2 Breakdown Voltage
VD1-D2
6
V
In off state I=10uA;
Tj=25°C; Figure 12, page 11
D1 to GND or D2 to GND
6
In OFF state I=10uA; Tj=25°C
Drain Current Continuous
ID1-D2
12
A
In ON state; Tj=25°C
D1 to D2 On Resistance
RDSon
6
9
In on state, ID=10A; Tj=25°C
m
Ω
VC-V(D2) ≥ 4.0V
FAULT
Under-Voltage Rising Threshold
VUVR
500
540
mV
Under-Voltage Falling Threshold
VUVF
440
475
mV
Under-Voltage Threshold Hysteresis
VUVHS
25
mV
Under-voltage Bias Current
IUV
-1
1
μA
Over-voltage Rising Threshold
VOVR
500
540
mV
Over-voltage Falling Threshold
VOVF
440
475
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com