Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPI-9LZ Datasheet(PDF) 1 Page - Vicor Corporation

Part # QPI-9LZ
Description  Hot-Swap SiP With VI Chip EMI Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

QPI-9LZ Datasheet(HTML) 1 Page - Vicor Corporation

  QPI-9LZ Datasheet HTML 1Page - Vicor Corporation QPI-9LZ Datasheet HTML 2Page - Vicor Corporation QPI-9LZ Datasheet HTML 3Page - Vicor Corporation QPI-9LZ Datasheet HTML 4Page - Vicor Corporation QPI-9LZ Datasheet HTML 5Page - Vicor Corporation QPI-9LZ Datasheet HTML 6Page - Vicor Corporation QPI-9LZ Datasheet HTML 7Page - Vicor Corporation QPI-9LZ Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Picor Corporation • www.picorpower.com
QPI-9 Data Sheet Rev. 1.3 Page 1 of 8
Hot-Swap SiP With VI Chip EMI Filter
QPI-9
QUIETPOWER
®
Features
• >50 dB CM attenuation at 1 MHz
• >70 dB DM attenuation at 1 MHz
• 40 Vdc (max input)
• 100 Vdc surge 100 msec
• 707 V hipot hold off to shield
• 6 A breaker with delay plus 12 A limiter
• 25 x 25 x 4.5 mm SiP (System in Package)
• Low profile LGA package
• -40° to +100°C PCB temperature (See Fig. 5)
• Hot-swap & filter combined saves PCB space
• Efficiency >98%
• Connects between OR’ing diodes & power
conversion input hold-up capacitance
• Patents pending
Applications
• Industrial and Military COTS
Figure 1 – Block Diagram
Figure 2 – Typical Attenuation
Description
The QPI-9 includes the total hot-swap function along
with an EMI filter for VI Chip applications. The EMI
filter is designed to attenuate the conducted
common-mode (CM) and differential-mode (DM) noise
generated by the higher switching frequencies of the
VI Chips. The QPI-9 is designed for use on a
24 Vdc bus. The in-rush current limit and circuit
breaker are designed to deliver over 140 W of power
with an input voltage of 24 V on the converter.
The QPI-9's internal fault timer allows it to operate
safely in the event of a short across its output. The
QPI-9 enters a retry mode where it will attempt to
restart until the short condition is removed. The under
and over voltage thresholds can be trimmed separately
via the UVEN and OV inputs using external series
resistors. The QPI-9 provides two Power Good signals,
PWRGD1 referenced to the input ground and PWRGD2
to the output ground, which can be used to enable
other circuits along with the VI Chip converter.
®


Similar Part No. - QPI-9LZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
QPI-9LZ VICOR-QPI-9LZ Datasheet
151Kb / 1P
VI Chip Input EMI Filters
logo
Powerbox
QPI-9LZ POWERBOX-QPI-9LZ Datasheet
1Mb / 1P
ACTIVE EMI FILTER
More results

Similar Description - QPI-9LZ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
Hot Swap Controller
logo
IXYS Corporation
IXHQ100 IXYS-IXHQ100 Datasheet
113Kb / 9P
Negative Voltage Hot Swap Controller with Active Power Filter
logo
Vicor Corporation
QPI-8EVAL1 VICOR-QPI-8EVAL1 Datasheet
63Kb / 2P
Evaluation Board for Active EMI Filters with Hot-Swap
QPI-8L VICOR-QPI-8L Datasheet
259Kb / 8P
AdvencedTCA Hot-Swap Sip With Active EMI Filter
logo
IXYS Corporation
IXHQ100PI IXYS-IXHQ100PI Datasheet
74Kb / 4P
Negative Voltage Hot Swap Controller with Active Power Filter
logo
Linear Technology
LTC4218 LINER-LTC4218 Datasheet
192Kb / 16P
Hot Swap Controller
logo
Vicor Corporation
QPI-10 VICOR-QPI-10 Datasheet
577Kb / 8P
AdvancedTCATM Hot-Swap SiP with VI Chip EMI Filter
logo
Linear Technology
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
Hot Swap Controller
logo
Vicor Corporation
QPI-8 VICOR-QPI-8 Datasheet
1Mb / 17P
AdvancedTCA??Hot-Swap with Active EMI Filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com