Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPI-9LZ Datasheet(PDF) 6 Page - Vicor Corporation

Part # QPI-9LZ
Description  Hot-Swap SiP With VI Chip EMI Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

QPI-9LZ Datasheet(HTML) 6 Page - Vicor Corporation

  QPI-9LZ Datasheet HTML 1Page - Vicor Corporation QPI-9LZ Datasheet HTML 2Page - Vicor Corporation QPI-9LZ Datasheet HTML 3Page - Vicor Corporation QPI-9LZ Datasheet HTML 4Page - Vicor Corporation QPI-9LZ Datasheet HTML 5Page - Vicor Corporation QPI-9LZ Datasheet HTML 6Page - Vicor Corporation QPI-9LZ Datasheet HTML 7Page - Vicor Corporation QPI-9LZ Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Picor Corporation • www.picorpower.com
QPI-9 Data Sheet Rev. 1.3 Page 6 of 8
Start-up
The following oscilloscope pictures show the hot swap
BUS- current, QPI- to Bus- voltage and PWRGD to BUS-
output voltage of the QPI-9 during operation. Figures
10 and 11 are the QPI-9's in-rush characteristics under
two load capacitance conditions. In Figure 10 a 470 µF
capacitor required roughly 330 ms to completely
charge from a 24 V bus voltage. The QPI-9 can drive
large amounts of bulk capacitance to maintain
converter operation during a 0V bus transient event, as
shown in Figure 11 with a 4700 µF load capacitance.
Under this condition the PWRGD takes about 2.9
seconds to go high after the UVEN input is pulled high
upon the complete insertion of the board into the
shelf. Figure 11's time-scale is too long to show the
current pulses that charge the bulk capacitance.
After insertion, when the UVEN voltage exceeds 18 V
the UV detection fault is cleared, the QPI-9 goes
through a delay cycle (~45 ms) to allow for system
stabilization and de-bounce. After this time, the QPI- to
BUS- path is turned on and current is allowed to pass,
monitored by the current sense function. Initially the
current level exceeds the 6 A circuit breaker limit, the
event timer starts and the power good state is not
valid. The sense function and linear control loop will
allow twice the circuit breaker current to pass. If the
current does not drop below the circuit breaker level
prior to reaching the timer limit, typically 800 µS, the
QPI- to BUS- path will open. The effective duty cycle
under the current limit condition is approximately 1%.
Once the load capacitors are fully charged to the input
bus potential, the load condition falls below 6 A and
the PWRGD pin is asserted high, providing that the bus
supply is still within the UV and OV range.
Transient Protection and Recovery
Figures 12 and 13 show the QPI-9's ability to handle
low resistance shorts (< 2) at the load terminals to
emulate fast and slow blown fuse events. In Figure 12,
the transient short is 2 seconds long and the QPI- to
BUS- path is opened within 1 ms of this occurrence.
Figure 13 demonstrates the QPI-9's performance with a
short circuit on its output, where it remains in a low
duty cycle mode until the short is removed, then
restarts normally.
Figure 10 – 470 µF capacitor @ 24 V.
Figure 12 – 2 seconds short-circuit.
Figure 13 – Start-up into short circuit.
Figure 11 – 4700 µF capacitor @ 24 V.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com