Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPI-9LZ Datasheet(PDF) 3 Page - Vicor Corporation

Part # QPI-9LZ
Description  Hot-Swap SiP With VI Chip EMI Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

QPI-9LZ Datasheet(HTML) 3 Page - Vicor Corporation

  QPI-9LZ Datasheet HTML 1Page - Vicor Corporation QPI-9LZ Datasheet HTML 2Page - Vicor Corporation QPI-9LZ Datasheet HTML 3Page - Vicor Corporation QPI-9LZ Datasheet HTML 4Page - Vicor Corporation QPI-9LZ Datasheet HTML 5Page - Vicor Corporation QPI-9LZ Datasheet HTML 6Page - Vicor Corporation QPI-9LZ Datasheet HTML 7Page - Vicor Corporation QPI-9LZ Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Picor Corporation • www.picorpower.com
QPI-9 Data Sheet Rev. 1.3 Page 3 of 8
Applications Information
The QPI-9 is an EMI filter especially designed for
V•I Chip products, providing conducted common-mode
and differential-mode attenuation from 150 kHz to
30 MHz. Designed for the industrial and military bus
range, the QPI supports the filtering of system boards
using VICOR's V•I Chip technology to the EN55022
class B limit.
The resulting plot in Figure 4 shows the QPI-9 is
effective in reducing the VI Chip total noise spectrum
to well below the EN55022 Class B Quasi-peak
detection limit.
The plot in Figure 4 was taken using the standard
50/50 µH LISN and measurement conditions, with the
Peak detection mode of the spectrum analyzer, for a
conducted EMI test. The results are compared to the
CISPR22 EN55022 Class B Quasi-peak detection limit and
show the total noise spectrum for VI Chip combination
using MP028F036M12AL & MV036F120M010 with QPI-9
connected, as shown in Figure 3.
Figure 3 – Standard LISN test setup, 100 W load.
Figure 4 – Conducted EMI profile of V•I Chip with QPI-9 with a 100 W load.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com