Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17005B Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX17005B
Description  1.2MHz, Low-Cost, High-Performance Chargers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17005B Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX17005B Datasheet HTML 9Page - Maxim Integrated Products MAX17005B Datasheet HTML 10Page - Maxim Integrated Products MAX17005B Datasheet HTML 11Page - Maxim Integrated Products MAX17005B Datasheet HTML 12Page - Maxim Integrated Products MAX17005B Datasheet HTML 13Page - Maxim Integrated Products MAX17005B Datasheet HTML 14Page - Maxim Integrated Products MAX17005B Datasheet HTML 15Page - Maxim Integrated Products MAX17005B Datasheet HTML 16Page - Maxim Integrated Products MAX17005B Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
1.2MHz, Low-Cost,
High-Performance Chargers
______________________________________________________________________________________
13
The PWM filter accepts the digital signal with a frequency
from 128Hz to 500kHz. Zero duty cycle shuts down the
MAX17005B/MAX17006B/MAX17015B, and 99.5% duty
cycle corresponds to full scale (60mV) across CSIP
and CSIN.
Choose a current-sense resistor (RS2) to have a suffi-
cient power-dissipation rating to handle the full-charge
current. The current-sense voltage can be reduced to
minimize the power-dissipation period. However, this can
degrade accuracy due to the current-sense amplifier’s
input offset (0.25mV typ). See the
Typical Operating
Characteristics to estimate the charge-current accuracy
at various set points.
Setting Input-Current Limit
The total input current, from a wall adapter or other DC
source, is the sum of the system supply current and the
current required by the charger. When the input current
exceeds the set input-current limit, the controller
decreases the charge current to provide priority to sys-
tem load current. System current normally fluctuates as
portions of the system are powered up or down. The
input-current-limit circuit reduces the power require-
ment of the AC wall adapter, which reduces adapter
cost. As the system supply rises, the available charge
current drops linearly to zero. Thereafter, the total input
current can increase without limit.
The total input current is the sum of the device supply cur-
rent, the charger input current, and the system load cur-
rent. The total input current can be estimated as follows:
where
η is the efficiency of the DC-DC converter (typi-
cally 85% to 95%).
In the MAX17005B/MAX17006B/MAX17015B, the volt-
age across CSSP and CSSN is constant at 60mV.
Choose the current-sense resistor, RS1, to set the input
current limit. For example, for 4A input current limit,
choose RS1 = 15m
Ω. For the input current-limit set-
tings, which cannot be achievable with standard sense
resistor values, use a resistive voltage-divider between
CSSP and CSSN to tune the setting (Figure 4).
To minimize power dissipation, first choose RS1
according to the closest available value. For conve-
nience, choose Ra = 6k
Ω and calculate Rb from the
above equation.
Choose a current-sense resistor (RS1) to have a suffi-
cient power rating to handle the full system current. The
current-sense resistor can be reduced to improve effi-
ciency, but this degrades accuracy due to the current-
sense amplifier’s input offset (0.15mV typ). See the
Typical Operating Characteristics to estimate the input
current-limit accuracy at various set points.
Automatic Power-Source Selection
The MAX17005B/MAX17006B/MAX17015B use an
external charge pump to drive the gate of an n-channel
adapter selection switch (N3 and Q1a). In Figure 1,
when the adapter is present, BST is biased 5V above
VADAPTER so that N3 and Q1a are on, and Q1b is off.
As long as the adapter is present, even though the
charger is off, the power stage forces a refresh pulse to
the BST charge pump every 5ms.
When the adapter voltage is removed, the charger
stops generating BST refresh pulses and N4 forces N2
off, Q1b turns on and supplies power to the system
from the battery.
In Figure 1, D1 must have low forward-voltage drop and
low reverse-leakage current to ensure sufficient gate
drive at N3 and Q1a. A 100mA, low reverse-leakage
Schottky diode is the right choice.
Analog Input Current-Monitor Output
Use IINP to monitor the system-input current, which is
sensed across CSSP and CSSN. The voltage at IINP is
proportional to the input current:
where IINPUT is the DC current supplied by the AC
adapter, GIINP is the transconductance of the sense
amplifier (2.8mA/V typ), and RIINP is the resistor con-
nected between IINP and ground. Typically, IINP has a
0 to 3.5V output-voltage range. Leave IINP unconnected
when not used.
I
V
RS
G
R
INPUT
IINP
IINP
IINP
=
××
1
I
mV
RS
Rb
Ra
INPUT LIMIT
_
()
=× +
60
1
1
II
IV
V
INPUT
LOAD
CHARGE
BATTERY
IN
=+
×
×η
CSSP
CSSN
RS1
Ra
Rb
MAX17005B/MAX17006B/MAX17015B
Figure 4. Input Current-Limit Fine Tuning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com