Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17005B Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX17005B
Description  1.2MHz, Low-Cost, High-Performance Chargers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17005B Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX17005B Datasheet HTML 1Page - Maxim Integrated Products MAX17005B Datasheet HTML 2Page - Maxim Integrated Products MAX17005B Datasheet HTML 3Page - Maxim Integrated Products MAX17005B Datasheet HTML 4Page - Maxim Integrated Products MAX17005B Datasheet HTML 5Page - Maxim Integrated Products MAX17005B Datasheet HTML 6Page - Maxim Integrated Products MAX17005B Datasheet HTML 7Page - Maxim Integrated Products MAX17005B Datasheet HTML 8Page - Maxim Integrated Products MAX17005B Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
1.2MHz, Low-Cost,
High-Performance Chargers
_______________________________________________________________________________________
3
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VISET = 3V
-0.2
+0.2
ISET Input Bias Current
CSSN = BATT, VISET = 5V
-0.2
+0.2
μA
Rising
2.4
ISET PWM Threshold
Falling
0.8
V
ISET Frequency
0.128
500
kHz
ISET Effective Resolution
fPWM = 1.6MHz
8
Bits
INPUT-CURRENT REGULATION
58.5
60
61.5
mV
Input Current-Limit Threshold
VCSSP - VCSSN
-2.5
+2.5
%
CSSN Input Bias Current
Adapter present at TA = +25°C
-1
+1
μA
CSSP/CSSN Input-Voltage Range
8.0
26.0
V
IINP Transconductance
VCSSP - VCSSN = 60mV
2.66
2.8
2.94
μA/mV
VCSSP - VCSSN = 60mV, VIINP = 0 to 4.5V
-2.5
+2.5
IINP Accuracy
VCSSP - VCSSN = 35mV
-2.5
+2.5
%
SUPPLY AND LINEAR REGULATOR
DCIN Input-Voltage Range
8
26
V
DCIN falling
7.9
8.1
DCIN Undervoltage-Lockout (UVLO) Trip-Point
DCIN rising
8.7
8.9
V
Adapter present
3
6
mA
DCIN + CSSP + CSSN Quiescent Current
(Note 2)
Adapter absent
30
50
μA
Adapter absent
10
20
VBATT = 16.8V
Charger shutdown
10
20
BATT + CSIP + CSIN + LX Input Current
(Note 2)
VBATT = 2V to 19V, adapter present
200
500
μA
LDO Output Voltage
8.0V < VDCIN < 26V, no load
5.15
5.35
5.55
V
LDO Load Regulation
0 < ILDO < 40mA
100
200
mV
LDO UVLO Threshold
3.2
4.1
5.0
V
REFERENCES
VAA Output Voltage
IVAA = 50μA
4.18
4.20
4.22
V
VAA UVLO Threshold
VAA falling
3.1
3.9
V
ACIN
ACIN Threshold
2.058
2.1
2.142
V
ACIN Threshold Hysteresis
10
20
30
mV
ACIN Input Bias Current
-1
+1
μA
ACOK
ACOK Sink Current
VACOK = 0.4V, VACIN = 1.5V
6
mA
ACOK Leakage Current
VACOK = 5.5V, VACIN = 2.5V
1
μA
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, VDCIN = VCSSP = VCSSN = 19V, VBATT = VCSIP = VCSIN = 16.8V, VVCTL = VAA, VISET = 1V, TA = 0°C to +85°C,
unless otherwise noted. Typical values are at TA = +25°C.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com