Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17005B Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX17005B
Description  1.2MHz, Low-Cost, High-Performance Chargers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17005B Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX17005B Datasheet HTML 1Page - Maxim Integrated Products MAX17005B Datasheet HTML 2Page - Maxim Integrated Products MAX17005B Datasheet HTML 3Page - Maxim Integrated Products MAX17005B Datasheet HTML 4Page - Maxim Integrated Products MAX17005B Datasheet HTML 5Page - Maxim Integrated Products MAX17005B Datasheet HTML 6Page - Maxim Integrated Products MAX17005B Datasheet HTML 7Page - Maxim Integrated Products MAX17005B Datasheet HTML 8Page - Maxim Integrated Products MAX17005B Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
1.2MHz, Low-Cost,
High-Performance Chargers
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, VDCIN = VCSSP = VCSSN = 19V, VBATT = VCSIP = VCSIN = 16.8V, VVCTL = VAA, VISET = 1V, TA = -40°C to +85°C,
unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CHARGE-CURRENT REGULATION
ISET Range
0
VAA/2
V
57.5
62.5
mV
VISET = VAA/4 or
ISET = 99.9% duty cycle
-4.2
+4.2
%
38
42
mV
Full Charge-Current Accuracy
(CSIP to CSIN)
VISET = VAA/6 or
ISET = 66.7% duty cycle
-5
+5
%
1.4
4.6
mV
Trickle Charge-Current Accuracy
VBATT = 1V to 16.8V
VISET = VAA/80 or
ISET = 5% duty cycle
-52
+52
%
Charge-Current Gain Error
Based on VISET = VVAA/4 and VISET = VVAA/80
-2
+2
%
Charge-Current Offset Error
Based on VISET = VVAA/4 and VISET = VVAA/80
-1.4
+1.4
mV
BATT/CSIP/CSIN Input-Voltage Range
0
24
V
ISET falling
21
31
ISET Power-Down Mode Threshold
ISET rising
33
47
mV
Rising
2.4
ISET PWM Threshold
Falling
0.8
V
ISET Frequency
0.128
500
kHz
INPUT-CURRENT REGULATION
58.2
61.8
mV
Input Current-Limit Threshold
VCSSP - VCSSN
-3
+3
%
CSSN Input Bias Current
Adapter present
-2
+2
μA
CSSP/CSSN Input-Voltage Range
8.0
26.0
V
IINP Transconductance
VCSSP - VCSSN = 60mV
2.66
2.94
μA/mV
VCSSP - VCSSN = 60mV, VIINP = 0 to 4.5V
-2.5
+2.5
IINP Accuracy
VCSSP - VCSSN = 35mV
-2.5
+2.5
%
SUPPLY AND LINEAR REGULATOR
DCIN Input-Voltage Range
8
26
V
DCIN falling
7.9
DCIN UVLO Trip-Point
DCIN rising
8.9
V
Adapter present
6
mA
DCIN + CSSP + CSSN Quiescent Current
(Note 2)
Adapter absent
50
μA
Adapter absent
20
VBATT = 16.8V
Charger shutdown
20
BATT + CSIP + CSIN + LX Input Current
(Note 2)
VBATT = 2V to 19V, adapter present
500
μA
LDO Output Voltage
8.0V < VDCIN < 26V, no load
5.15
5.55
V
LDO Load Regulation
0 < ILDO < 40mA
200
mV
LDO UVLO Threshold
3.2
5.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com