Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4540 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC4540
Description  High Effi ciency Boost Converter for up to 10 LEDs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4540 Datasheet(HTML) 1 Page - Semtech Corporation

  SC4540 Datasheet HTML 1Page - Semtech Corporation SC4540 Datasheet HTML 2Page - Semtech Corporation SC4540 Datasheet HTML 3Page - Semtech Corporation SC4540 Datasheet HTML 4Page - Semtech Corporation SC4540 Datasheet HTML 5Page - Semtech Corporation SC4540 Datasheet HTML 6Page - Semtech Corporation SC4540 Datasheet HTML 7Page - Semtech Corporation SC4540 Datasheet HTML 8Page - Semtech Corporation SC4540 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
© 2008 Semtech Corporation
POWER MANAGEMENT
1
Typical Application Circuit
Applications
DSLR, DSC, and Video Cameras
Portable media players
Set-top boxes
Personal navigation devices
SC4540
High Efficiency Boost Converter
for up to 10 LEDs
Features
Input voltage range — 4.5V to 12V
Programmable LED current up to 30mA
Current-mode PWM control — 800kHz
Soft-start to reduce in-rush current
PWM dimming — 100Hz to 50kHz
PWM dimming at ISET — analog and filtered
Over-voltage protection — 38V (minimum)
Under-voltage lockout (UVLO)
Thermal shutdown
Shutdown current — <0.1μA (typical)
Ultra-thin package — 2 x 2 x 0.6 (mm)
Lead-free package, WEEE and RoHS compliant
Description
The SC4540 is designed to regulate current for a series
string of white LEDs in LCD backlighting applications
where small size and high efficiency are priorities. This
device integrates an 800kHz current-mode PWM boost
converter and a 30mA programmable low dropout current
sink regulator. The wide input voltage range of the SC4540
makes it ideal for use with dual-cell Li-ion powered
applications.
An external resistor sets the LED current up to 30mA.
PWM dimming (100Hz to 50kHz) may be applied directly
to the enable (EN) pin, or dimming can be controlled by
applying an analog signal to the ISET circuit. The boost
circuit can output up to 38V (guaranteed) to drive up to 10
LEDs in series. The current regulator protects against
shorts between the BL and OUT pins and also eliminates
backlight glow during shutdown when using LEDs with
high leakage. Under-voltage lockout and thermal shut-
down provide additional protection. A small external
capacitor and series resistor control soft-start and loop
compensation. Over-voltage detection protects the
SC4540 if the BL pin is floating or shorted to ground.
The SC4540 is available in an MLPD-8 pin 2 x 2 x 0.6 (mm)
package, with a rated temperature range of -40°C to
+85°C.
OU T
LX
BL
CIN
4.5 to 12V
IN
EN
ISET
GN D
COM P
E nable and
PW M
dim m ing
L1
D
C OUT
SC 4540
1 μF
56μH
2.2μF
RISET
CCOM P
1.27kΩ
47n F
RCOM P
July 18, 2008


Similar Part No. - SC4540

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC454 SEMTECH-SC454 Datasheet
63Kb / 1P
Single-Phase Single Chip IMVP-6/6 Vcore Power Supply
SC454 SEMTECH-SC454 Datasheet
41Kb / 1P
Single-Phase Single Chip IMVP-6/6 Vcore Power Supply
SC4541 SEMTECH-SC4541 Datasheet
625Kb / 19P
High Frequency LED Driver with Integrated Schottky and Simple Interconnect
SC4541EVB-1 SEMTECH-SC4541EVB-1 Datasheet
625Kb / 19P
High Frequency LED Driver with Integrated Schottky and Simple Interconnect
SC4541EVB-2 SEMTECH-SC4541EVB-2 Datasheet
625Kb / 19P
High Frequency LED Driver with Integrated Schottky and Simple Interconnect
More results

Similar Description - SC4540

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4539 SEMTECH-SC4539 Datasheet
245Kb / 14P
High Effi ciency Boost Converter for up to 6 LEDS
SC4538 SEMTECH-SC4538 Datasheet
235Kb / 14P
High Effi ciency Boost Converter for up to 10 LEDs
SC4538 SEMTECH-SC4538_08 Datasheet
252Kb / 14P
High Effi ciency Boost Converter for up to 10 LEDs
SC4539 SEMTECH-SC4539_08 Datasheet
249Kb / 14P
High Effi ciency Boost Converter for up to 6 LEDS
logo
Linear Technology
LTM4605 LINER-LTM4605 Datasheet
281Kb / 24P
High Effi ciency Buck-Boost DC/DC 關Module
LTC3566 LINER-LTC3566 Datasheet
262Kb / 28P
High Effi ciency USB Power Manager Plus 1A Buck-Boost Converter
LTC3785 LINER-LTC3785 Datasheet
259Kb / 20P
10V, High Effi ciency, Synchronous, No RSENSE Buck-Boost Controller
LTC3780 LINER-LTC3780_12 Datasheet
392Kb / 28P
High Effi ciency, Synchronous, 4-Switch Buck-Boost Controller
logo
MicroPower Direct, LLC
MSR7805WUP MPD-MSR7805WUP Datasheet
1Mb / 4P
Effi ciency to 95%
LSR7810 MPD-LSR7810 Datasheet
529Kb / 2P
Effi ciency to 93%
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com