Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2300-CP Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS2300-CP
Description  Fractional-N Clock Multiplier with Internal LCO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2300-CP Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS2300-CP_09 Datasheet HTML 10Page - Cirrus Logic CS2300-CP_09 Datasheet HTML 11Page - Cirrus Logic CS2300-CP_09 Datasheet HTML 12Page - Cirrus Logic CS2300-CP_09 Datasheet HTML 13Page - Cirrus Logic CS2300-CP_09 Datasheet HTML 14Page - Cirrus Logic CS2300-CP_09 Datasheet HTML 15Page - Cirrus Logic CS2300-CP_09 Datasheet HTML 16Page - Cirrus Logic CS2300-CP_09 Datasheet HTML 17Page - Cirrus Logic CS2300-CP_09 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
CS2300-CP
14
DS843F1
Regardless of the setting of the ClkSkipEn bit the PLL output will continue for 223 LCO cycles (518 ms to
634 ms) after CLK_IN is removed (see Figure 10). This is true as long as CLK_IN does not glitch or have
an effective change in period as the clock source is removed, otherwise the PLL will interpret this as a
change in frequency causing clock skipping and the 223 LCO cycle time-out to be bypassed and the PLL
to immediately unlock. If the prior conditions are met while CLK_IN is removed and 223 LCO cycles pass,
the PLL will unlock and the PLL_OUT state will be determined by the ClkOutUnl bit; See “PLL Clock Out-
put” on page 19. If CLK_IN is re-applied after such time, the PLL will remain unlocked for the specified
time listed in the “AC Electrical Characteristics” on page 7 after which lock will be acquired and the PLL
output will resume.
If it is expected that CLK_IN will be removed and then reapplied within 223 LCO cycles but later than tCS,
the ClkSkipEn bit should be disabled. If it is not disabled, the device will behave as shown in Figure 11;
note that the lower figure shows that the PLL output frequency may change and be incorrect without an
indication of an unlock condition.
Figure 10. CLK_IN removed for > 223 LCO cycles
CLK_IN
PLL_OUT
UNLOCK
ClkSkipEn=0 or 1
ClkOutUnl=0
Lock Time
CLK_IN
PLL_OUT
UNLOCK
ClkSkipEn=0 or 1
ClkOutUnl=1
Lock Time
= invalid clocks
223 LCO cycles
223 LCO cycles
CLK_IN
PLL_OUT
UNLOCK
ClkSkipEn=0 or 1
ClkOutUnl=0
Lock Time
CLK_IN
PLL_OUT
UNLOCK
ClkSkipEn=0 or 1
ClkOutUnl=1
Lock Time
tCS
tCS
= invalid clocks
CLK_IN
PLL_OUT
UNLOCK
ClkSkipEn= 1
ClkOutUnl=1
Lock Time
tCS
= invalid clocks
223 LCO cycles
223 LCO cycles
223 LCO cycles
Figure 11. CLK_IN removed for < 223 LCO cycles but > tCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com